công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC12F508I/ST bảng dữ liệu(PDF) 70 Page - Microchip Technology

tên linh kiện PIC12F508I/ST
Giải thích chi tiết về linh kiện  8/14-Pin, 8-Bit Flash Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F508I/ST bảng dữ liệu(HTML) 70 Page - Microchip Technology

Back Button PIC12F508I/ST Datasheet HTML 66Page - Microchip Technology PIC12F508I/ST Datasheet HTML 67Page - Microchip Technology PIC12F508I/ST Datasheet HTML 68Page - Microchip Technology PIC12F508I/ST Datasheet HTML 69Page - Microchip Technology PIC12F508I/ST Datasheet HTML 70Page - Microchip Technology PIC12F508I/ST Datasheet HTML 71Page - Microchip Technology PIC12F508I/ST Datasheet HTML 72Page - Microchip Technology PIC12F508I/ST Datasheet HTML 73Page - Microchip Technology PIC12F508I/ST Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 110 page
background image
PIC12F508/509/16F505
DS41236E-page 70
© 2009 Microchip Technology Inc.
FIGURE 10-1:
PIC12F508/509/16F505 VOLTAGE-FREQUENCY GRAPH, -40
°C ≤ TA ≤ +125°C
FIGURE 10-2:
MAXIMUM OSCILLATOR FREQUENCY TABLE
6.0
2.5
4.0
3.0
0
3.5
4.5
5.0
5.5
410
Frequency (MHz)
VDD
20
(Volts)
25
2.0
8
(PIC16F505 only)
0
200 kHz
4 MHz
20 MHz
Frequency (MHz)
HS(1)
EXTRC
XT
LP
EC(1)
INTOSC
Note 1:
For PIC16F505 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More