| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC12F508E/SL bảng dữ liệu(PDF) 80 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F508E/SL bảng dữ liệu(HTML) 80 Page - Microchip Technology |
|
80 / 110 page ![]() PIC12F508/509/16F505 DS41236E-page 80 © 2009 Microchip Technology Inc. FIGURE 10-7: TIMER0 CLOCK TIMINGS – PIC12F508/509/16F505 TABLE 10-7: TIMER0 CLOCK REQUIREMENTS – PIC12F508/509/16F505 AC CHARACTERISTICS Standard Operating Conditions (unless otherwise specified) Operating Temperature -40 °C ≤ TA ≤ +85°C (industrial) -40 °C ≤ TA ≤ +125°C (extended) Operating Voltage VDD range is described in Section 10.1 "Power-on Reset (POR)" Param No. Sym. Characteristic Min. Typ(1) Max. Units Conditions 40 Tt0H T0CKI High Pulse Width No Prescaler 0.5 TCY + 20* — — ns With Prescaler 10* — — ns 41 Tt0L T0CKI Low Pulse Width No Prescaler 0.5 TCY + 20* — — ns With Prescaler 10* — — ns 42 Tt0P T0CKI Period 20 or TCY + 40* N — — ns Whichever is greater. N = Prescale Value (1, 2, 4,..., 256) * These parameters are characterized but not tested. Note 1: Data in the Typical (“Typ”) column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only and are not tested. T0CKI 40 41 42 |