| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP25050E/P bảng dữ liệu(PDF) 26 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP25050E/P bảng dữ liệu(HTML) 26 Page - Microchip Technology |
|
26 / 66 page ![]() TABLE 4-3: COMMAND MESSAGES (EXTENDED IDENTIFIER) Information Request Messages (to MCP2502X/5X) Standard ID Extended ID Data Bytes 1 0 9 8765 4321 0R T R I D E DLC 1 7 1 6 RXBEID8 (8 bits) RXBEID0 (8 bits) Read A/D Regs x x xxxx xxxx x 11 1 0 0 0 8* x x xxxx xxxx xxxx *000 n/a n/a n/a n/a n/a n/a n/a n/a Read Control Regs x x xxxx xxxx x 11 0 1 1 1 7* x x xxxx xxxx xxxx *001 n/a n/a n/a n/a n/a n/a n/a n/a Read Config Regs x x xxxx xxxx x 11 0 1 0 1 5* x x xxxx xxxx xxxx *010 n/a n/a n/a n/a n/a n/a n/a n/a Read CAN Error x x xxxx xxxx x 11 0 0 1 1 3* x x xxxx xxxx xxxx *011 n/a n/a n/a n/a n/a n/a n/a n/a Read PWM Config x x xxxx xxxx x 11 0 1 1 0 6* x x xxxx xxxx xxxx *100 n/a n/a n/a n/a n/a n/a n/a n/a Read User Mem x x xxxx xxxx x 11 1 0 0 0 8* x x xxxx xxxx xxxx *101 n/a n/a n/a n/a n/a n/a n/a n/a Read User Mem x x xxxx xxxx x 11 1 0 0 0 8* x x xxxx xxxx xxxx *110 n/a n/a n/a n/a n/a n/a n/a n/a Read Register x x xxxx xxxx x 1 1 0 0 0 0 1* x x addr xxxx *111 n/a n/a n/a n/a n/a n/a n/a n/a Output Messages (from MCP2502X/5X) Standard ID Extended ID Data Bytes 1 0 9876 5432 1 0 R T R I D E DLC 1 7 1 6 RXBEID8 (8 bits) RXBEID0 (8 bits) Read A/D Regs x xxxx xxxx x x 01 1 0 0 0 8 x x xxxx xxxx xxxx *000 IOINTFL GPIO AN0H AN1H AN10L AN2H AN3H AN32L Read Control Regs x xxxx xxxx x x 01 0 1 1 1 7 x x xxxx xxxx xxxx *001 ADCON0 ADCON1 OPTREG OPTREG STCON IOINTEN IOINTPO n/a Read Config Regs x xxxx xxxx x x 01 0 1 0 1 5 x x xxxx xxxx xxxx *010 DDR GPIO CNF1 CNF2 CNF3 n/a n/a n/a Read CAN Error x xxxx xxxx x x 01 0 0 1 1 3 x x xxxx xxxx xxxx *011 EFLG TEC REC n/a n/a n/a n/a n/a Read PWM Config x xxxx xxxx x x 01 0 1 1 0 6 x x xxxx xxxx xxxx *100 PR1 PR2 T1CON T2CON PWM1D PWM2D n/a n/a Read User Mem x xxxx xxxx x x 01 1 0 0 0 8 x x xxxx xxxx xxxx *101 USERID0 USERID1 USERID2 USERID3 USERID4 USERID5 USERID6 USERID7 Read User Mem x xxxx xxxx x x 01 1 0 0 0 8 x x xxxx xxxx xxxx *110 USERID8 USERID9 USERID1 USERID1 USERID1 USERID1 USERID1 USERID1 Read Register x xxxx xxxx x x 0 1 0 0 0 0 1x x addr xxxx *111 value n/a n/a n/a n/a n/a n/a n/a Input Messages (to MCP2502X/5X) Standard ID Extended ID Data Bytes 1 0 9876 5432 1 0 R T R I D E DLC 1 7 1 6 RXBEID8 (8 bits) RXBEID0 (8 bits) Write Register x xxxx xxxx x x 0 1 0 0 1 1 3 x x xxxx xxxx xxxx x000 addr mask value n/a n/a n/a n/a n/a Write TX Message x xxxx xxxx x x 0 1 0 1 0 0 4 x x xxxx xxxx xxxx x001 TX0SIDH TX0SIDL TX0EID8 TX0EID0 n/a n/a n/a n/a Write TX Message x xxxx xxxx x x 0 1 0 1 0 0 4 x x xxxx xxxx xxxx x010 TX1SIDH TX1SIDL TX1EID8 TX1EID0 n/a n/a n/a n/a Write TX Message x xxxx xxxx x x 0 1 0 1 0 0 4 x x xxxx xxxx xxxx x011 TX2SIDH TX2SIDL TX2EID8 TX2EID0 n/a n/a n/a n/a Write I/O Configura- x xxxx xxxx x x 0 1 0 1 0 1 5 x x xxxx xxxx xxxx x100 IOINTEN IOINTPO DDR OPTREG ADCON1 n/a n/a n/a Write RX Mask x xxxx xxxx x x 0 1 0 1 0 0 4 x x xxxx xxxx xxxx x101 RXM- RXMSIDL RXMEID8 RXMEID0 n/a n/a n/a n/a Write RX Filter0 x xxxx xxxx x x 0 1 0 1 0 0 4 x x xxxx xxxx xxxx x110 RXF0SID RXF0SID RXF0EID RXF0EID n/a n/a n/a n/a Write RX Filter1 x xxxx xxxx x x 0 1 0 1 0 0 4 x x xxxx xxxx xxxx x111 RXF1SID RXF1SID RXF1EID RXF1EID n/a n/a n/a n/a * If using non-RTR messages for information request messages (IRM), the RTR bit = 0, DLC bit field = 0, and bit 3 of the IRM ID = 1. Also, bit 3 of the output message ID = 0. If using RTR messages for IRMs, the RTR bit = 1, DLC bit field = number of bytes in corresponding output message, and bit three of the IRM ID = x (don’t care), also, bit 3 of the output message = x (don’t care). ** User-defined IRM IDs must be different from input message IDs to avoid message contention between the corresponding output message and the input message. |