công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F87XAI/SP bảng dữ liệu(PDF) 94 Page - Microchip Technology

tên linh kiện PIC16F87XAI/SP
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F87XAI/SP bảng dữ liệu(HTML) 94 Page - Microchip Technology

Back Button PIC16F87XAI/SP Datasheet HTML 90Page - Microchip Technology PIC16F87XAI/SP Datasheet HTML 91Page - Microchip Technology PIC16F87XAI/SP Datasheet HTML 92Page - Microchip Technology PIC16F87XAI/SP Datasheet HTML 93Page - Microchip Technology PIC16F87XAI/SP Datasheet HTML 94Page - Microchip Technology PIC16F87XAI/SP Datasheet HTML 95Page - Microchip Technology PIC16F87XAI/SP Datasheet HTML 96Page - Microchip Technology PIC16F87XAI/SP Datasheet HTML 97Page - Microchip Technology PIC16F87XAI/SP Datasheet HTML 98Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 234 page
background image
PIC16F87XA
DS39582C-page 94
 2001-2013 Microchip Technology Inc.
9.4.5
GENERAL CALL ADDRESS
SUPPORT
The addressing procedure for the I2C bus is such that
the first byte after the Start condition usually determines
which device will be the slave addressed by the master.
The exception is the general call address which can
address all devices. When this address is used, all
devices should, in theory, respond with an Acknowledge.
The general call address is one of eight addresses
reserved for specific purposes by the I2C protocol. It
consists of all ‘0’s with R/W = 0.
The general call address is recognized when the Gen-
eral Call Enable bit (GCEN) is enabled (SSPCON2<7>
set). Following a Start bit detect, 8 bits are shifted into
the SSPSR and the address is compared against the
SSPADD. It is also compared to the general call
address and fixed in hardware.
If the general call address matches, the SSPSR is
transferred to the SSPBUF, the BF flag bit is set (eighth
bit) and on the falling edge of the ninth bit (ACK bit), the
SSPIF interrupt flag bit is set.
When the interrupt is serviced, the source for the inter-
rupt can be checked by reading the contents of the
SSPBUF. The value can be used to determine if the
address was device specific or a general call address.
In 10-bit mode, the SSPADD is required to be updated
for the second half of the address to match and the UA
bit is set (SSPSTAT<1>). If the general call address is
sampled when the GCEN bit is set, while the slave is
configured in 10-bit Address mode, then the second
half of the address is not necessary, the UA bit will not
be set and the slave will begin receiving data after the
Acknowledge (Figure 9-15).
FIGURE 9-15:
SLAVE MODE GENERAL CALL ADDRESS SEQUENCE
(7 OR 10-BIT ADDRESS MODE)
SDA
SCL
S
SSPIF
BF (SSPSTAT<0>)
SSPOV (SSPCON<6>)
Cleared in software
SSPBUF is read
R/W = 0
ACK
General Call Address
Address is compared to general call address.
GCEN (SSPCON2<7>)
Receiving Data
ACK
12
3
4
5
6
7
8
9
1
2
3
4
5
67
8
9
D7
D6
D5
D4
D3
D2
D1
D0
After ACK, set interrupt.
‘0’
‘1’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More