| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP41010E/P bảng dữ liệu(PDF) 10 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP41010E/P bảng dữ liệu(HTML) 10 Page - Microchip Technology |
|
10 / 32 page ![]() MCP41XXX/42XXX DS11195C-page 10 2003 Microchip Technology Inc. Note: Unless otherwise indicated, curve represents 10 k Ω, 50 kΩ and 100 kΩ devices, VDD = 5V, VSS = 0V, TA = +25°C, V B = 0V. FIGURE 2-19: Gain vs. Frequency for 50k Ω Potentiometer. FIGURE 2-20: Gain vs. Frequency for 100k Ω Potentiometer. FIGURE 2-21: -3 dB Bandwidths. FIGURE 2-22: Power Supply Rejection Ratio vs. Frequency. FIGURE 2-23: 10 k Ω Wiper Resistance vs. Voltage. FIGURE 2-24: 50 k Ω & 100 kΩ Wiper Resistance vs. Voltage. -60 -54 -48 -42 -36 -30 -24 -18 -12 -6 0 6 Frequency (Hz) CL = 30pF, Refer to Figure 2-29 MCP41050, MCP42050 (50k Ω potentiometers) Code = FFh Code = 80h Code = 40h Code = 20h Code = 10h Code = 08h Code = 04h Code = 02h Code = 01h 100 1k 10k 100k 1M 10M -60 -54 -48 -42 -36 -30 -24 -18 -12 -6 0 6 Frequency (Hz) CL = 30pF, Refer to Figure 2-29 MCP41100, MCP42100 (100k Ω potentiometers) Code = FFh Code = 80h Code = 40h Code = 20h Code = 10h Code = 08h Code = 04h Code = 02h Code = 01h 100 1k 10k 100k 1M -36 -30 -24 -18 -12 -6 0 Frequency (Hz) 279 kHz 145 kHz 1.06 MHz 10 k Ω 50 k Ω 100 k Ω CL = 30 pF, Code = 80h Refer to Figure 2-29 1k 10k 100k 1M 10M 0 5 10 15 20 25 30 35 40 Frequency (Hz) 100 k Ω Potentiometer 50 k Ω Potentiometer 10 k Ω Potentiometer VDD = 4.5V to 5.5V, Code = 80h, CL = 27 pF, VA = 4V Refer to Figure 2-28 1k 10k 100k 1M 10M 0 100 200 300 400 500 600 700 0123 45 Terminal B Voltage (V) MCP41010, MCP42010 Iw = 1 mA, Code = 00h, Refer to Figure 2-27 VDD = 2.7V VDD = 5V 0 50 100 150 200 250 300 350 400 450 0123 45 Terminal B Voltage (V) VDD = 2.7V VDD = 5V Code = 00h Refer to Figure 2-27 |