công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP14E3EP bảng dữ liệu(PDF) 5 Page - Microchip Technology

tên linh kiện MCP14E3EP
Giải thích chi tiết về linh kiện  4.0A Dual High-Speed Power MOSFET Drivers With Enable
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14E3EP bảng dữ liệu(HTML) 5 Page - Microchip Technology

  MCP14E3EP Datasheet HTML 1Page - Microchip Technology MCP14E3EP Datasheet HTML 2Page - Microchip Technology MCP14E3EP Datasheet HTML 3Page - Microchip Technology MCP14E3EP Datasheet HTML 4Page - Microchip Technology MCP14E3EP Datasheet HTML 5Page - Microchip Technology MCP14E3EP Datasheet HTML 6Page - Microchip Technology MCP14E3EP Datasheet HTML 7Page - Microchip Technology MCP14E3EP Datasheet HTML 8Page - Microchip Technology MCP14E3EP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
© 2008 Microchip Technology Inc.
DS22062B-page 5
MCP14E3/MCP14E4/MCP14E5
DC CHARACTERISTICS (OVER OPERATING TEMPERATURE RANGE)
Electrical Specifications: Unless otherwise indicated, operating temperature range with 4.5V
≤ V
DD ≤ 18V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input
Logic ‘1’, High Input Voltage
VIH
2.4
—
—
V
Logic ‘0’, Low Input Voltage
VIL
——
0.8
V
Input Current
IIN
–10
—
+10
µA
0V
≤ V
IN ≤ VDD
Output
High Output Voltage
VOH VDD – 0.025
—
—
V
DC TEST
Low Output Voltage
VOL
—
—
0.025
V
DC TEST
Output Resistance, High
ROH
—3.0
6.0
Ω
IOUT = 10 mA, VDD = 18V
Output Resistance, Low
ROL
—3.0
5.0
Ω
IOUT = 10 mA, VDD = 18V
Switching Time (Note 1)
Rise Time
tR
—25
40
ns
Figure 4-1, Figure 4-2
CL = 2200 pF
Fall Time
tF
—28
40
ns
Figure 4-1, Figure 4-2
CL = 2200 pF
Delay Time
tD1
—50
70
ns
Figure 4-1, Figure 4-2
Delay Time
tD2
—50
70
ns
Figure 4-1, Figure 4-2
Enable Function (ENB_A, ENB_B)
High-Level Input Voltage
VEN_H
1.60
2.20
2.90
V
VDD = 12V, LO to HI Transition
Low-Level Input Voltage
VEN_L
1.30
1.80
2.40
V
VDD = 12V, HI to LO Transition
Hysteresis
VHYST
—0.40
—
V
Enable Leakage Current
IENBL
40
87
115
µA
VDD = 12V, ENB_A = ENB_B = GND
Propagation Delay Time
tD3
—50
—
ns
Figure 4-3
Propagation Delay Time
tD4
—60
—
ns
Figure 4-3
Power Supply
Supply Voltage
VDD
4.5
—
18.0
V
Supply Current
IDD
—2.0
3.0
mA
VIN_A =3V, VIN_B =3V,
ENB_A = ENB_B = High
IDD
—0.8
1.1
mA
VIN_A =0V, VIN_B =0V,
ENB_A = ENB_B = High
IDD
—1.5
2.0
mA
VIN_A =3V, VIN_B =0V,
ENB_A = ENB_B = High
IDD
—1.5
2.0
mA
VIN_A =0V, VIN_B =3V,
ENB_A = ENB_B = High
IDD
—1.8
2.8
mA
VIN_A =3V, VIN_B =3V,
ENB_A = ENB_B = Low
IDD
—0.6
0.8
mA
VIN_A =0V, VIN_B =0V,
ENB_A = ENB_B = Low
IDD
—1.1
1.8
mA
VIN_A =3V, VIN_B =0V,
ENB_A = ENB_B = Low
IDD
—1.1
1.8
mA
VIN_A =0V, VIN_B =3V,
ENB_A = ENB_B = Low
Note 1: Switching times ensured by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com