| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS3100E18-3SW bảng dữ liệu(PDF) 46 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
CS3100E18-3SW bảng dữ liệu(HTML) 46 Page - Amphenol Corporation |
|
46 / 73 page ![]() 45 front face of pin insert or rear face of socket insert illustrated Special contact arrangements Insert Arrangement 40-67 40-68 40-70 Service Rating AAA Number of Contacts 1 10 21 61 Contact Size 16 4 (Coax) RG-59/U 8 16 Insert Arrangement 40-72 40-73 40-74 Service Rating A A A Number of Contacts 1 10 61 1 1 4 Contact Size 16 4 (Coax) RG-9B/U 16 12 4 (Coax) RG-62/U 0 (Coax) RG-9B/U or RG-214/U Insert Arrangement 40-75 40-80 40-81 Service Rating E A A Number of Contacts 1 4 1 10 62 Contact Size 12 0 16 4 16 for #14 wire CONTACT LEGEND 16 12 8 4 0 1 23 4 5 67 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 1 2 3 4 5 6 1 2 3 4 5 12 3 4 5 678 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 A B C D E F G H J K L M N P R S T U V W X AB C D E FH J K L M AB C D E FH J K L M AB C D E FH J K L M |