| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS3102C18-3SW bảng dữ liệu(PDF) 59 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
CS3102C18-3SW bảng dữ liệu(HTML) 59 Page - Amphenol Corporation |
|
59 / 73 page ![]() 58 For waterproofing individual connectors, Amphenol offers a simple modification of the M85049/1 cable clamp. This assem- bly incorporates a rubber grommet with holes for individual wires in place of the gland. As the assembly is tightened, the grommet is compressed around each wire, sealing moisture MS/Standard Accessories 10-74900 series cable clamp out. Based on standard MS insert arrangements, 97 different conductor combinations can be waterproofed. This assembly is identified as the 10-749XX (shell size) series and is used with the feed-thru shells on pages 59 and 60. Order Number Total Thread Size Total No. of Holes No. & Size of Holes No. 16 .115 No. 12 .150 No. 8 .200 No. 4 .310 No. 0 .445 10-74910-2 .5000-28UNEF-2B 1 1 10-74911-3 .6250-24NEF-2B 3 3 10-74911-4 .6250-24NEF-2B 2 2 10-74912-3 .6250-24NEF-2B 2 2 10-74912-4 .6250-24NEF-2B 1 1 10-74913-5 .6250-24NEF-2B 1 1 10-74914-2 .7500-20UNEF-2B 4 4 10-74914-4 .7500-20UNEF-2B 1 1 10-74914-5 .7500-20UNEF-2B 5 5 10-74914-6 .7500-20UNEF-2B 6 6 10-74914-7 .7500-20UNEF-2B 3 3 10-74914-9 .7500-20UNEF-2B 2 2 10-74915-3 .7500-20UNEF-2B 1 1 10-74916-1 .8750-20UNEF-2A 7 7 10-74916-4 .8750-20UNEF-2A 2 2 10-74916-5 .8750-20UNEF-2A 3 3 10-74916-8 .8750-20UNEF-2A 5 5 10-74917-7 .8750-20UNEF-2A 3 2 1 10-74917-9 .8750-20UNEF-2A 4 2 2 10-74917-10 .8750-20UNEF-2A 3 3 10-74917-11 .8750-20UNEF-2A 2 2 10-74917-12 .8750-20UNEF-2A 1 1 10-74918-1 1.0000-20UNEF-2B 10 10 10-74918-5 1.0000-20UNEF-2B 3 1 2 10-74918-8 1.0000-20UNEF-2B 8 7 1 10-74918-9 1.0000-20UNEF-2B 7 5 2 10-74918-10 1.0000-20UNEF-2B 4 4 10-74918-11 1.0000-20UNEF-2B 5 5 10-74918-12 1.0000-20UNEF-2B 6 6 10-74918-15 1.0000-20UNEF-2B 4 4 10-74918-22 1.0000-20UNEF-2B 3 3 10-74920-6 1.1875-18NEF-2B 3 3 10-74920-7 1.1875-18NEF-2B 8 8 10-74920-8 1.1875-18NEF-2B 6 4 2 10-74920-9 1.1875-18NEF-2B 8 7 1 10-74920-15 1.1875-18NEF-2B 7 7 10-74920-18 1.1875-18NEF-2B 9 6 3 10-74920-19 1.1875-18NEF-2B 3 3 10-74920-20 1.1875-18NEF-2B 4 3 1 10-74920-21 1.1875-18NEF-2B 9 8 1 10-74920-22 1.1875-18NEF-2B 6 3 3 10-74920-23 1.1875-18NEF-2B 4 2 2 10-74920-24 1.1875-18NEF-2B 4 2 2 10-74920-27 1.1875-18NEF-2B 14 14 10-74920-29 1.1875-18NEF-2B 17 17 10-74922-4 1.8750-18NEF-2B 4 2 2 10-74922-5 1.8750-18NEF-2B 6 4 2 10-74922-7 1.8750-18NEF-2B 1 1 10-74922-13 1.8750-18NEF-2B 5 1 4 10-74922-14 1.8750-18NEF-2B 19 19 10-74922-16 1.8750-18NEF-2B 9 6 3 10-74922-20 1.8750-18NEF-2B 9 9 10-74922-21 1.8750-18NEF-2B 3 2 1 10-74922-22 1.8750-18NEF-2B 4 4 10-74922-23 1.8750-18NEF-2B 8 8 10-74924-2 1.4375-18NEF-2B 7 7 10-74924-5 1.4375-18NEF-2B 16 16 10-74924-6 1.4375-18NEF-2B 8 8 10-74924-7 1.4375-18NEF-2B 16 14 2 10-74924-9 1.4375-18NEF-2B 2 2 10-74924-10 1.4375-18NEF-2B 7 7 10-74924-11 1.4375-18NEF-2B 9 6 3 10-74924-12 1.4375-18NEF-2B 5 3 2 10-74924-17 1.4375-18NEF-2B 5 3 2 10-74924-20 1.4375-18NEF-2B 11 9 2 10-74924-22 1.4375-18NEF-2B 4 4 10-74928-2 1.4375-18NEF-2B 14 12 2 10-74928-6 1.4375-18NEF-2B 3 3 10-74928-9 1.4375-18NEF-2B 12 6 6 10-74928-10 1.4375-18NEF-2B 7 3 2 2 10-74928-11 1.4375-18NEF-2B 22 18 4 10-74928-12 1.4375-18NEF-2B 26 26 10-74928-15 1.4375-18NEF-2B 35 35 10-74928-16 1.4375-18NEF-2B 20 20 10-74928-17 1.4375-18NEF-2B 15 15 10-74928-18 1.4375-18NEF-2B 12 12 10-74928-19 1.4375-18NEF-2B 10 6 4 10-74928-21 1.4375-18NEF-2B 37 37 10-74928-22 1.4375-18NEF-2B 6 3 3 10-74928-51* 1.4375-18NEF-2B 12 12 10-74932-2 1.7500-18NS-2B 5 2 3 10-74932-5 1.7500-18NS-2B 2 2 10-74932-6 1.7500-18NS-2B 23 16 2 3 2 10-74932-7 1.7500-18NS-2B 35 28 7 10-74932-8 1.7500-18NS-2B 30 24 6 10-74932-9 1.7500-18NS-2B 14 12 2 10-74932-13 1.7500-18NS-2B 23 18 5 10-74932-15 1.7500-18NS-2B 8 6 2 10-74932-17 1.7500-18NS-2B 4 4 10-74936-1 2.0000-18NS-2B 22 18 4 10-74936-4 2.0000-18NS-2B 3 3 10-74936-5 2.0000-18NS-2B 4 4 10-74936-6 2.0000-18NS-2B 6 4 2 10-74936-7 2.0000-18NS-2B 47 40 7 10-74936-8 2.0000-18NS-2B 47 46 1 10-74936-10 2.0000-18NS-2B 48 48 10-74936-14 2.0000-18NS-2B 16 6 5 5 10-74936-52* 2.0000-18NS-2B 52 52 10-74940-9 2.2500-16UN-2B 47 24 22 1 10-74940-56* 2.2500-16UN-2B 85 85 Order Number Total Thread Size Total No. of Holes No. & Size of Holes No. 16 .115 No. 12 .150 No. 8 .200 No. 4 .310 No. 0 .445 NOTE: The 74900 series is available with a cadmium plate clear chromate after- treatment, designated by 10-74900. 71-74900 is the base number to use if a cad- mium plate olive drab chromate after-treatment is required. * Proprietary insert arrangements. |