| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS3100C18-3SW bảng dữ liệu(PDF) 65 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
CS3100C18-3SW bảng dữ liệu(HTML) 65 Page - Amphenol Corporation |
|
65 / 73 page ![]() 64 RECEPTACLE PROTECTION CAP 10-329392-XX* RECEPTACLE PROTECTION CAP 10-422905-XXX* RECEPTACLE PROTECTION CAP MS25043-XXDA* Assembly Number A Thread Class 2B B Dia. Min. C Approx. D Dia. Max. L Max. 10-329392-10 .625-24UNEF .516 3.5 .875 .793 10-329392-12 .750-20UNEF .641 3.5 1.000 .793 10-329392-14 .875-20UNEF .766 3.5 1.125 .793 10-329392-16 1.000-20UNEF .891 3.5 1.250 .793 10-329392-18 1.125-18UNEF 1.016 3.5 1.375 1.024 10-329392-20 1.250-18UNEF 1.141 4.0 1.500 1.024 10-329392-22 1.375-18UNEF 1.266 4.0 1.625 1.024 10-329392-24 1.500-18UNEF 1.391 4.5 1.750 1.024 10-329392-28 1.750-18UNS 1.641 4.5 2.000 1.024 10-329392-32 2.000-18UNS 1.891 5.0 2.250 1.024 10-329392-36 2.250-16UN 2.078 5.0 2.500 1.024 10-329392-40 2.500-16UN 2.328 5.0 2.656 1.024 10-329392-44 2.750-16UN 2.641 6.0 2.938 1.024 Assembly Number A Thread Class 2B B Ref. C Approx. D Dia. Max. L Max. 10-422905-103 .625-24UNEF .140 3.0 .875 .812 10-422905-123 .750-20UNEF .140 3.5 1.000 .812 10-422905-143 .875-20UNEF .140 3.5 1.125 .812 10-422905-163 1.000-20UNEF .140 3.5 1.250 .812 10-422905-183 1.125-18UNEF .193 3.5 1.375 1.031 10-422905-203 1.250-18UNEF .193 4.0 1.500 1.031 10-422905-223 1.375-18UNEF .193 4.0 1.625 1.031 10-422905-243 1.500-18UNEF .193 4.5 1.750 1.031 10-422905-283 1.750-18UNS .193 4.5 2.000 1.031 10-422905-323 2.000-18UNS .193 5.0 2.250 1.031 10-422905-363 2.250-16UN .193 5.0 2.500 1.031 10-422905-403 2.500-16UN .193 5.0 2.656 1.031 * Protective caps are illustrated with sash chains and are available with beaded chains or without chains. Optional terminations are also available. Consult Amphenol, Sidney, NY when ordering. MS Number A Thread Class 2B B +.010 –.005 C Approx. D Dia. Max. L Max. MS25043-8DA .500-28UNEF .140 4.00 .688 .750 MS25043-10DA .625-24UNEF .140 4.00 .815 .750 MS25043-12DA .750-20UNEF .140 4.50 1.000 .750 MS25043-14DA .875-20UNEF .140 4.50 1.125 .750 MS25043-16DA 1.000-20UNEF .140 4.50 1.188 .750 MS25043-18DA 1.125-18UNEF .140 4.50 1.344 .750 MS25043-20DA 1.250-18UNEF .140 5.00 1.469 .750 MS25043-22DA 1.375-18UNEF .140 5.00 1.594 .750 MS25043-24DA 1.500-18UNEF .171 5.50 1.719 .750 MS25043-28DA 1.750-18UNS .171 7.75 1.969 .812 MS25043-32DA 2.000-18UNS .187 7.75 2.219 .812 MS25043-36DA 2.250-16UN .187 7.75 2.469 .812 MS25043-40DA 2.500-16UN .187 7.75 2.719 .812 MS/Standard Accessories protection caps – receptacle B D A THD L C A THD L D C B A THD B C D L |