công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AVRM0603C080M bảng dữ liệu(PDF) 2 Page - TDK Electronics

tên linh kiện AVRM0603C080M
Giải thích chi tiết về linh kiện  Chip Varistors Countermeasure for surge voltage and static electricity
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TDK [TDK Electronics]
Trang chủ  http://www.tdk.com
Logo TDK - TDK Electronics

AVRM0603C080M bảng dữ liệu(HTML) 2 Page - TDK Electronics

  AVRM0603C080M Datasheet HTML 1Page - TDK Electronics AVRM0603C080M Datasheet HTML 2Page - TDK Electronics AVRM0603C080M Datasheet HTML 3Page - TDK Electronics AVRM0603C080M Datasheet HTML 4Page - TDK Electronics AVRM0603C080M Datasheet HTML 5Page - TDK Electronics AVRM0603C080M Datasheet HTML 6Page - TDK Electronics AVRM0603C080M Datasheet HTML 7Page - TDK Electronics AVRM0603C080M Datasheet HTML 8Page - TDK Electronics AVRM0603C080M Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
(1/10)
001-07 / 20110926 / e9c11_avr.fm
• All specifications are subject to change without notice.
Varistors(SMD)
Countermeasure for Surge Voltage and Static Electricity
AVR Series AVR-M, AVRL Types
Varistors are voltage dependent nonlinear resistive elements with
a resistance that decreases rapidly when the voltage is over the
constant value.
Varistor is equivalent with Zener diode of two series connection.
Therefore, do not have polarity.
CURRENT vs. VOLTAGE CHARACTERISTICS
EQUIVALENT CIRCUIT
THE EFFECT OF THE VARISTOR
WITHOUT VARISTOR
A malfunction and failure of electronic equipment
WITH VARISTOR
Suppress abnormal voltage by inserting varistor in a circuit
Conformity to RoHS Directive
Chip varistor
/V1mA:12V
Zener diode
/Vz:6.8V
Positive direction
Negative direction
Voltage(V)
10–1
10–2
10–3
10–4
10–5
–10–1
–10–2
–10–3
–10–4
–10–5
2
–26
–610
–10
14
–14
18
–18
2 Zener Diodes
A capacitance content
ESD, Surge voltage
Power line
Signal line
IC
ESD, Surge voltage
Power line
Signal line
Insert a varistor between
a line and ground
: Chip varistor
IC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com