| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM1815RWX7F bảng dữ liệu(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM1815RWX7F bảng dữ liệu(HTML) 8 Page - STMicroelectronics |
|
8 / 25 page ![]() Description STM1810/1811/1812/1813/1815/1816/1817/1818 8/25 Doc ID11464 Rev 8 1.2.3 Active-high RST output (push-pull) Pulses high when VCC drops below VRST, and stays high as long as VCC is below the reset threshold. It remains high for trec after VCC rises above the reset threshold. 1.2.4 Active-low RST output (open-drain with internal 5.5 k Ω pull-up) with manual reset detect Pulses low when VCC drops below VRST, or RST is externally pulled low for at least 1.5 µs. It remains low for tPBRST after VCC rises above the reset threshold, or after the external manual reset is released (see Figure 9). RST output has an internal 5.5 k Ω pull-up resistor. 1.2.5 VCC Supply voltage and input for VRST comparator. 1.2.6 VSS Ground, is the reference for the power supply. It must be connected to the system ground. Table 3. STM1810/STM1815 Pin Name Function 1RST Active-low reset output (push-pull) 2VCC Supply voltage and input for reset threshold monitor 3VSS Ground Table 4. STM1811/STM1816 Pin Name Function 1RST Active-low reset output (open-drain, with internal 5.5 k Ω pull-up resistor) 2VCC Supply voltage and input for reset threshold monitor 3VSS Ground Table 5. STM1812/STM1817 Pin Name Function 1 RST Active-high reset output (push-pull) 2VCC Supply voltage and input for reset threshold monitor 3VSS Ground Table 6. STM1813/STM1818 Pin Name Function 1RST Active-low reset output (open-drain, with internal 5.5 k Ω pull-up) with push- button/manual reset detect 2VCC Supply voltage and input for reset threshold monitor 3VSS Ground |