công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM1815SWX7F bảng dữ liệu(PDF) 4 Page - STMicroelectronics

tên linh kiện STM1815SWX7F
Giải thích chi tiết về linh kiện  Low power reset circuit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1815SWX7F bảng dữ liệu(HTML) 4 Page - STMicroelectronics

  STM1815SWX7F Datasheet HTML 1Page - STMicroelectronics STM1815SWX7F Datasheet HTML 2Page - STMicroelectronics STM1815SWX7F Datasheet HTML 3Page - STMicroelectronics STM1815SWX7F Datasheet HTML 4Page - STMicroelectronics STM1815SWX7F Datasheet HTML 5Page - STMicroelectronics STM1815SWX7F Datasheet HTML 6Page - STMicroelectronics STM1815SWX7F Datasheet HTML 7Page - STMicroelectronics STM1815SWX7F Datasheet HTML 8Page - STMicroelectronics STM1815SWX7F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
List of figures
STM1810/1811/1812/1813/1815/1816/1817/1818
4/25
Doc ID11464 Rev 8
List of figures
Figure 1.
Logic diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 2.
SOT23-3 connections . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 3.
Hardware hookup . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 4.
Push-pull active-low output (STM1810/1812/1815/1817) . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 5.
Open-drain, active-low output (STM1811/1816) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 6.
Open-drain, active-low output (bidirectional, manual reset detect, STM1813/1818) . . . . . . 7
Figure 7.
Reset timing diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 8.
Push-button manual reset with MR detect (STM1813/1818) . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 9.
Manual reset timing diagram, switch bounce/debounce (STM1813/1818) . . . . . . . . . . . . . 11
Figure 10.
Interfacing MCUs with bidirectional reset pins (RST, open-drain, STM1811/1816) . . . . . . 11
Figure 11.
Valid reset (RST) output down to VCC = 0 V (push-pull). . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 12.
Valid reset (RST) output down to VCC = 0 V (push-pull). . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 13.
Supply current vs. temperature (no load) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 14.
Normalized reset time-out period (trec) vs. temperature - VOD = VTH – VCC . . . . . . . . . . . 13
Figure 15.
VCC-to-reset output delay vs. temperature - VOD = VTH – VCC . . . . . . . . . . . . . . . . . . . . . 14
Figure 16.
Voltage output low vs. ISINK . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 17.
Voltage output high vs. ISOURCE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 18.
Normalized reset threshold vs. temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 19.
Max. transient duration NOT causing reset pulse vs. reset threshold overdrive. . . . . . . . . 16
Figure 20.
AC testing input/output waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 21.
SOT23-3 – 3-lead small outline transistor package outline . . . . . . . . . . . . . . . . . . . . . . . . 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25