công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM1815S bảng dữ liệu(PDF) 6 Page - STMicroelectronics

tên linh kiện STM1815S
Giải thích chi tiết về linh kiện  Low power reset circuit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1815S bảng dữ liệu(HTML) 6 Page - STMicroelectronics

Back Button STM1815S Datasheet HTML 2Page - STMicroelectronics STM1815S Datasheet HTML 3Page - STMicroelectronics STM1815S Datasheet HTML 4Page - STMicroelectronics STM1815S Datasheet HTML 5Page - STMicroelectronics STM1815S Datasheet HTML 6Page - STMicroelectronics STM1815S Datasheet HTML 7Page - STMicroelectronics STM1815S Datasheet HTML 8Page - STMicroelectronics STM1815S Datasheet HTML 9Page - STMicroelectronics STM1815S Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Description
STM1810/1811/1812/1813/1815/1816/1817/1818
6/25
Doc ID11464 Rev 8
Figure 2.
SOT23-3 connections
2.
RST for STM1812 and STM1817.
Figure 3.
Hardware hookup
1.
RST for STM1812 and STM1817 (see Table 1).
2.
Only valid for STM1813 and STM1818.
Table 2.
Signal names
Symbol
Description
VSS
Ground
RST
Active-low reset output
RST(1)
1.
For STM1812, STM1817.
Active-high reset output
VCC
Supply voltage and input for reset threshold monitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25