công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8349VVALFB bảng dữ liệu(PDF) 59 Page - Freescale Semiconductor, Inc

tên linh kiện MPC8349VVALFB
Giải thích chi tiết về linh kiện  Integrated Host Processor Hardware Specifications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8349VVALFB bảng dữ liệu(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button MPC8349VVALFB Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8349VVALFB Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8349VVALFB Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8349VVALFB Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8349VVALFB Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8349VVALFB Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8349VVALFB Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8349VVALFB Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8349VVALFB Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 87 page
background image
MPC8349EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 13
Freescale Semiconductor
59
Package and Pin Listings
GPIO1[2]/DMA_DDONE0/
GTM1_TOUT1
B25
I/O
OVDD
—
GPIO1[3]/DMA_DREQ1/GTM1_TIN2/
GTM2_TIN1
D24
I/O
OVDD
—
GPIO1[4]/DMA_DACK1/
GTM1_TGATE2/GTM2_TGATE1
A25
I/O
OVDD
—
GPIO1[5]/DMA_DDONE1/
GTM1_TOUT2/GTM2_TOUT1
B24
I/O
OVDD
—
GPIO1[6]/DMA_DREQ2/GTM1_TIN3/
GTM2_TIN4
A24
I/O
OVDD
—
GPIO1[7]/DMA_DACK2/
GTM1_TGATE3/GTM2_TGATE4
D23
I/O
OVDD
—
GPIO1[8]/DMA_DDONE2/
GTM1_TOUT3
B23
I/O
OVDD
—
GPIO1[9]/DMA_DREQ3/GTM1_TIN4/
GTM2_TIN3
A23
I/O
OVDD
—
GPIO1[10]/DMA_DACK3/
GTM1_TGATE4/GTM2_TGATE3
F22
I/O
OVDD
—
GPIO1[11]/DMA_DDONE3/
GTM1_TOUT4/GTM2_TOUT3
E22
I/O
OVDD
—
USB Port 1
MPH1_D0_ENABLEN/
DR_D0_ENABLEN
A26
I/O
OVDD
—
MPH1_D1_SER_TXD/
DR_D1_SER_TXD
B26
I/O
OVDD
—
MPH1_D2_VMO_SE0/
DR_D2_VMO_SE0
D25
I/O
OVDD
—
MPH1_D3_SPEED/DR_D3_SPEED
A27
I/O
OVDD
—
MPH1_D4_DP/DR_D4_DP
B27
I/O
OVDD
—
MPH1_D5_DM/DR_D5_DM
C27
I/O
OVDD
—
MPH1_D6_SER_RCV/
DR_D6_SER_RCV
D26
I/O
OVDD
—
MPH1_D7_DRVVBUS/
DR_D7_DRVVBUS
E26
I/O
OVDD
—
MPH1_NXT/DR_SESS_VLD_NXT
D27
I
OVDD
—
MPH1_DIR_DPPULLUP/
DR_XCVR_SEL_DPPULLUP
A28
I/O
OVDD
—
MPH1_STP_SUSPEND/
DR_STP_SUSPEND
F26
O
OVDD
—
Table 55. MPC8349EA (TBGA) Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87