| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8349EVVALFB bảng dữ liệu(PDF) 13 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8349EVVALFB bảng dữ liệu(HTML) 13 Page - Freescale Semiconductor, Inc |
|
13 / 87 page ![]() MPC8349EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 13 Freescale Semiconductor 13 RESET Initialization 4.3 TSEC Gigabit Reference Clock Timing Table 8 provides the TSEC gigabit reference clocks (EC_GTX_CLK125) AC timing specifications. 5 RESET Initialization This section describes the DC and AC electrical specifications for the reset initialization timing and electrical requirements of the MPC8349EA. 5.1 RESET DC Electrical Characteristics Table 9 provides the DC electrical characteristics for the RESET pins of the MPC8349EA. Table 8. EC_GTX_CLK125 AC Timing Specifications At recommended operating conditions with LVDD = 2.5 ± 0.125 mV/ 3.3 V ± 165 mV Parameter Symbol Min Typical Max Unit Notes EC_GTX_CLK125 frequency tG125 —125 — MHz — EC_GTX_CLK125 cycle time tG125 —8 — ns — EC_GTX_CLK125 rise and fall time LVDD = 2.5 V LVDD = 3.3 V tG125R/tG125F —— 0.75 1.0 ns 1 EC_GTX_CLK125 duty cycle GMII, TBI 1000Base-T for RGMII, RTBI tG125H/tG125 45 47 — 55 53 %2 EC_GTX_CLK125 jitter — — — ±150 ps 2 Notes: 1. Rise and fall times for EC_GTX_CLK125 are measured from 0.5 and 2.0 V for LVDD = 2.5 V and from 0.6 and 2.7 V for LVDD =3.3 V. 2. EC_GTX_CLK125 is used to generate the GTX clock for the eTSEC transmitter with 2% degradation. The EC_GTX_CLK125 duty cycle can be loosened from 47%/53% as long as the PHY device can tolerate the duty cycle generated by the eTSEC GTX_CLK. See Section 8.2.4, “RGMII and RTBI AC Timing Specifications for the duty cycle for 10Base-T and 100Base-T reference clock. Table 9. RESET Pins DC Electrical Characteristics1 Parameter Symbol Condition Min Max Unit Input high voltage VIH —2.0 OVDD +0.3 V Input low voltage VIL —–0.3 0.8 V Input current IIN —— ±5 μA Output high voltage2 VOH IOH = –8.0 mA 2.4 — V Output low voltage VOL IOL = 8.0 mA — 0.5 V |