công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PPC7448HX867N bảng dữ liệu(PDF) 8 Page - Freescale Semiconductor, Inc

tên linh kiện PPC7448HX867N
Giải thích chi tiết về linh kiện  MPC7448 Hardware Specifications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC7448HX867N bảng dữ liệu(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button PPC7448HX867N Datasheet HTML 4Page - Freescale Semiconductor, Inc PPC7448HX867N Datasheet HTML 5Page - Freescale Semiconductor, Inc PPC7448HX867N Datasheet HTML 6Page - Freescale Semiconductor, Inc PPC7448HX867N Datasheet HTML 7Page - Freescale Semiconductor, Inc PPC7448HX867N Datasheet HTML 8Page - Freescale Semiconductor, Inc PPC7448HX867N Datasheet HTML 9Page - Freescale Semiconductor, Inc PPC7448HX867N Datasheet HTML 10Page - Freescale Semiconductor, Inc PPC7448HX867N Datasheet HTML 11Page - Freescale Semiconductor, Inc PPC7448HX867N Datasheet HTML 12Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MPC7448 Hardware Specifications Addendum for the MC7448xxnnnnNx Series, Rev. 6
8
Freescale Semiconductor
General Parameters
5.3
Voltage and Frequency Derating
To reduce power consumption, these devices support voltage and frequency derating in which the core
voltage (VDD) may be reduced if the reduced maximum processor core frequency requirements are
observed. The supported derated core voltage, resulting maximum processor core frequency (fcore), and
power consumption are provided in Table 11. Only those parameters in Table 11 are affected; all other
parameter specifications are unaffected.
9.2
Power Supply Design and Sequencing
The power supply design and sequencing requirements of the devices described here are identical to those
described in the MPC7448 RISC Microprocessor Hardware Specifications.
Table 11. Supported Voltage, Core Frequency, and Power Consumption Derating
Maximum Rated
Core Frequency
(Device Marking)
Supported
Derated Core
Voltage (VDD)
Maximum Derated
Core Frequency
(fcore)
Full-Power Mode Power Consumption
Typical
Thermal
Maximum
600
N/A
667
N/A
800
N/A
867
N/A
1000
N/A
1250
N/A
1267
1.0 V ± 50 mV
1000 MHz
6.0 W
7.3 W
8.5 W
1400
1.0 V ± 50 mV
1000 MHz
8.0 W
9.9 W
11.5 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12