| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC68HC908GR4MP bảng dữ liệu(PDF) 147 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC68HC908GR4MP bảng dữ liệu(HTML) 147 Page - Freescale Semiconductor, Inc |
|
147 / 408 page ![]() Central Processing Unit (CPU) Instruction Set Summary MC68HC908GR8 — Rev 4.0 Technical Data MOTOROLA Central Processing Unit (CPU) 147 10.8 Instruction Set Summary Table 10-1 provides a summary of the M68HC08 instruction set. Table 10-1. Instruction Set Summary Source Form Operation Description Effect on CCR VH I N Z C ADC #opr ADC opr ADC opr ADC opr,X ADC opr,X ADC ,X ADC opr,SP ADC opr,SP Add with Carry A ← (A) + (M) + (C) ↕↕ – ↕↕ ↕ IMM DIR EXT IX2 IX1 IX SP1 SP2 A9 B9 C9 D9 E9 F9 9EE9 9ED9 ii dd hh ll ee ff ff ff ee ff 2 3 4 4 3 2 4 5 ADD #opr ADD opr ADD opr ADD opr,X ADD opr,X ADD ,X ADD opr,SP ADD opr,SP Add without Carry A ← (A) + (M) ↕↕ – ↕↕ ↕ IMM DIR EXT IX2 IX1 IX SP1 SP2 AB BB CB DB EB FB 9EEB 9EDB ii dd hh ll ee ff ff ff ee ff 2 3 4 4 3 2 4 5 AIS #opr Add Immediate Value (Signed) to SP SP ← (SP) + (16 « M) –– ––– – IMM A7 ii 2 AIX #opr Add Immediate Value (Signed) to H:X H:X ← (H:X) + (16 « M) –– ––– – IMM AF ii 2 AND #opr AND opr AND opr AND opr,X AND opr,X AND ,X AND opr,SP AND opr,SP Logical AND A ← (A) & (M) 0 –– ↕↕ – IMM DIR EXT IX2 IX1 IX SP1 SP2 A4 B4 C4 D4 E4 F4 9EE4 9ED4 ii dd hh ll ee ff ff ff ee ff 2 3 4 4 3 2 4 5 ASL opr ASLA ASLX ASL opr,X ASL ,X ASL opr,SP Arithmetic Shift Left (Same as LSL) ↕ –– ↕↕ ↕ DIR INH INH IX1 IX SP1 38 48 58 68 78 9E68 dd ff ff 4 1 1 4 3 5 ASR opr ASRA ASRX ASR opr,X ASR opr,X ASR opr,SP Arithmetic Shift Right ↕ –– ↕↕ ↕ DIR INH INH IX1 IX SP1 37 47 57 67 77 9E67 dd ff ff 4 1 1 4 3 5 BCC rel Branch if Carry Bit Clear PC ← (PC) + 2 + rel ? (C) = 0 –– ––– – REL 24 rr 3 C b0 b7 0 b0 b7 C Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |