công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC68HC908GR4MP bảng dữ liệu(PDF) 404 Page - Freescale Semiconductor, Inc

tên linh kiện MC68HC908GR4MP
Giải thích chi tiết về linh kiện  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP bảng dữ liệu(HTML) 404 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 400Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 401Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 402Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 403Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 404Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 405Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 406Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 407Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 408Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 404 / 408 page
background image
Glossary
Technical Data
MC68HC908GR8 — Rev 4.0
404
Glossary
MOTOROLA
timer interface module (TIM) — A module used to relate events in a system to a point in time.
timer — A module used to relate events in a system to a point in time.
toggle — To change the state of an output from a logic 0 to a logic 1 or from a logic 1 to a logic 0.
tracking mode — Mode of low-jitter PLL operation during which the PLL is locked on a
frequency. Also see "acquisition mode."
two’s complement — A means of performing binary subtraction using addition techniques. The
most significant bit of a two’s complement number indicates the sign of the number (1
indicates negative). The two’s complement negative of a number is obtained by inverting
each bit in the number and then adding 1 to the result.
unbuffered — Utilizes only one register for data; new data overwrites current data.
unimplemented memory location — A memory location that is not used. Writing to an
unimplemented location has no effect. Reading an unimplemented location returns an
unpredictable value. Executing an opcode at an unimplemented location causes an illegal
address reset.
V —The overflow bit in the condition code register of the CPU08. The CPU08 sets the V bit when
a two's complement overflow occurs. The signed branch instructions BGT, BGE, BLE,
and BLT use the overflow bit.
variable — A value that changes during the course of program execution.
VCO — See "voltage-controlled oscillator."
vector — A memory location that contains the address of the beginning of a subroutine written
to service an interrupt or reset.
voltage-controlled oscillator (VCO) — A circuit that produces an oscillating output signal of a
frequency that is controlled by a dc voltage applied to a control input.
waveform — A graphical representation in which the amplitude of a wave is plotted against time.
wired-OR — Connection of circuit outputs so that if any output is high, the connection point is
high.
word — A set of two bytes (16 bits).
write — The transfer of a byte of data from the CPU to a memory location.
X — The lower byte of the index register (H:X) in the CPU08.
Z — The zero bit in the condition code register of the CPU08. The CPU08 sets the zero bit when
an arithmetic operation, logical operation, or data manipulation produces a result of $00.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com