công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC68HC908GR4MP bảng dữ liệu(PDF) 340 Page - Freescale Semiconductor, Inc

tên linh kiện MC68HC908GR4MP
Giải thích chi tiết về linh kiện  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP bảng dữ liệu(HTML) 340 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 336Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 337Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 338Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 339Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 340Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 341Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 342Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 343Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 344Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 408 page
background image
Timer Interface Module (TIM)
Technical Data
MC68HC908GR8 — Rev 4.0
340
Timer Interface Module (TIM)
MOTOROLA
22.5.1 TIM Counter Prescaler
The TIM clock source can be one of the seven prescaler outputs or the
TIM clock pin, TCLK. The prescaler generates seven clock rates from
the internal bus clock. The prescaler select bits, PS[2:0], in the TIM
status and control register select the TIM clock source.
$002D
Timer 2 Counter Register
Low (T2CNTL)
Read:
Bit 7
654321
Bit 0
Write:
Reset:
00000000
$002E
Timer 2 Counter Modulo
Register High (T2MODH)
Read:
Bit 15
14
13
12
11
10
9
Bit 8
Write:
Reset:
11111111
$002F
Timer 2 Counter Modulo
Register Low (T2MODL)
Read:
Bit 7
654321
Bit 0
Write:
Reset:
11111111
$0030
Timer 2 Channel 0 Status
and Control Register
(T2SC0)
Read:
CH0F
CH0IE
MS0B
MS0A
ELS0B
ELS0A
TOV0
CH0MAX
Write:
0
Reset:
00000000
$0031
Timer 2 Channel 0
Register High (T2CH0H)
Read:
Bit 15
14
13
12
11
10
9
Bit 8
Write:
Reset:
Indeterminate after reset
$0032
Timer 2 Channel 0
Register Low (T2CH0L)
Read:
Bit 7
654321
Bit 0
Write:
Reset:
Indeterminate after reset
$0033
Unimplemented
Read:
Write:
Reset:
00000000
$0034
Unimplemented
Read:
Write:
Reset:
Indeterminate after reset
$0035
Unimplemented
Read:
Write:
Reset:
Indeterminate after reset
Addr.
Register Name
Bit 7
654321
Bit 0
= Unimplemented
Figure 22-2. TIM I/O Register Summary (Sheet 2 of 2)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com