công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC68HC908GR4MP bảng dữ liệu(PDF) 288 Page - Freescale Semiconductor, Inc

tên linh kiện MC68HC908GR4MP
Giải thích chi tiết về linh kiện  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP bảng dữ liệu(HTML) 288 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 284Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 285Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 286Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 287Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 288Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 289Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 290Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 291Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 292Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 408 page
background image
System Integration Module (SIM)
Technical Data
MC68HC908GR8 — Rev 4.0
288
System Integration Module (SIM)
MOTOROLA
19.6.1.4 Interrupt Status Register 1
I6–I1 — Interrupt Flags 1–6
These flags indicate the presence of interrupt requests from the
sources shown in Table 19-3.
1 = Interrupt request present
0 = No interrupt request present
Bit 0 and Bit 1 — Always read 0
19.6.1.5 Interrupt Status Register 2
I14–I7 — Interrupt Flags 14–7
These flags indicate the presence of interrupt requests from the
sources shown in Table 19-3.
1 = Interrupt request present
0 = No interrupt request present
Address:
$FE04
Bit 7
654321
Bit 0
Read:
I6
I5
I4
I3
I2
I1
0
0
Write:
RRRRRRRR
Reset:
00000000
R= Reserved
Figure 19-12. Interrupt Status Register 1 (INT1)
Address:
$FE05
Bit 7
654321
Bit 0
Read:
I14
I13
I12
I11
I10
I9
I8
I7
Write:
RRRRRRRR
Reset:
00000000
R= Reserved
Figure 19-13. Interrupt Status Register 2 (INT2)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com