công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC68HC908GR4MP bảng dữ liệu(PDF) 278 Page - Freescale Semiconductor, Inc

tên linh kiện MC68HC908GR4MP
Giải thích chi tiết về linh kiện  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP bảng dữ liệu(HTML) 278 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 274Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 275Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 276Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 277Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 278Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 279Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 280Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 281Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 282Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 408 page
background image
System Integration Module (SIM)
Technical Data
MC68HC908GR8 — Rev 4.0
278
System Integration Module (SIM)
MOTOROLA
then follows the sequence from the falling edge of RST shown in Figure
19-5.
Figure 19-5. Internal Reset Timing
The COP reset is asynchronous to the bus clock.
Figure 19-6. Sources of Internal Reset
The active reset feature allows the part to issue a reset to peripherals
and other chips within a system built around the MCU.
19.4.2.1 Power-On Reset
When power is first applied to the MCU, the power-on reset module
(POR) generates a pulse to indicate that power-on has occurred. The
external reset pin (RST) is held low while the SIM counter counts out
4096 CGMXCLK cycles. Sixty-four CGMXCLK cycles later, the CPU and
memories are released from reset to allow the reset vector sequence to
occur.
At power-on, these events occur:
•
A POR pulse is generated.
IRST
RST
RST PULLED LOW BY MCU
IAB
32 CYCLES
32 CYCLES
VECTOR HIGH
CGMXCLK
ILLEGAL ADDRESS RST
ILLEGAL OPCODE RST
COPRST
LVI
POR
INTERNAL RESET
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com