| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MMA7455LR1 bảng dữ liệu(PDF) 11 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MMA7455LR1 bảng dữ liệu(HTML) 11 Page - Freescale Semiconductor, Inc |
|
11 / 35 page ![]() Sensors Freescale Semiconductor 11 MMA7455L THRESHOLD DETECTION FOR MOTION AND FREEFALL CONDITIONS CASE 1: Motion Detection Integer Value: X >Threshold OR Y >Threshold OR Z > Threshold Reg $18 THOPT=1; Reg 19 LDPL=0, Set Threshold to 3g, which is 47 counts (16 counts/g). Set register $1A LDTH = $2F. CASE 2: Motion Detection Absolute: ||X|| > Threshold OR ||Y|| >Threshold OR ||Z|| > Threshold Reg $18 THOPT=0; Reg 19 LDPL=0, Set Threshold to 3g, which is 47 counts (16 counts/g). Set register $1A LDTH = $2F. CASE 3: Freefall Detection Integer Value: X < Threshold AND Y < Threshold AND Z <Threshold Reg $18 THOPT=1; Reg 19 LDPL=1, Set Threshold to 0.5g, which is 7 counts (16 counts/g). Set register $1A LDTH = $07 CASE 4: Freefall Detection Absolute: ||X|| <Threshold AND ||Y|| < Threshold AND ||Z||< Threshold Reg $18 THOPT=0; Reg 19 LDPL=1, Set Threshold to +/-0.5g, which is 7 counts (16 counts/g). Set register $1A LDTH = $07. TH = $2F TH = $2F TH = $D1 TH = $07 TH = $07 TH = $F9 |