| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ASTMB733 bảng dữ liệu(PDF) 30 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
ASTMB733 bảng dữ liệu(HTML) 30 Page - ITT Industries |
|
30 / 41 page ![]() MIL-DTL-24308G APPENDIX A w/AMENDMENT 2 30 A.4.1.1 Dimensions. Dimensions shall be as specified in the applicable section of this appendix and the following: a. Dimensions are in inches. b. Metric equivalents are given for information only. c. All dimensions are TP (true position). d. Contact holes in insert shall be located on TP within a .005 (0.13 mm) diameter circle. Maximum material condition applies. e. Markings are shown for the pin insert front. Socket inserts are opposite. f. In the event of a conflict between the text of this appendix and the references cited herein, the text of this appendix shall take precedence. |