| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ASTMB545 bảng dữ liệu(PDF) 39 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
ASTMB545 bảng dữ liệu(HTML) 39 Page - ITT Industries |
|
39 / 41 page ![]() MIL-DTL-24308G APPENDIX B w/AMENDMENT 2 39 CONTACT PIN AND SOCKET CLASSES G, N, AND H SOLDERTYPE, NON-REMOVABLE B.1 SCOPE B1.1 Scope. This appendix covers contacts, pin and socket, classes G, N and H solder type, non-removable for use with MIL-DTL-24308 rectangular, nonenvironmental, polarized shell, miniature, rack and panel connectors. This Appendix is a mandatory part of the specification. The information contained herein is intended for compliance. B.2 APPLICABLE DOCUMENTS (This section not applicable to this appendix.) B.3 GENERAL REQUIREMENTS (This section not applicable to this appendix.) B.4 DETAIL REQUIREMENTS B.4.1 Dimensions and configurations. See table B-I and figures B-1 through B-6. The following details apply: a. Dimensions are in inches. b. Metric equivalents (to the nearest .01 mm) are given for information only. c. Dimensions are after plating. d. Reference documents shall be of the issue in effect on the date of invitation for bids. e. For design feature purposes, this appendix takes precedence over procurement documents referenced herein. f. Lock ring optional - alternate retention for classes G and N connectors, figures B-1 and B-2. TABLE B-I. Contact configurations. Figure number Size Contact Type Termination Class Superseded MS number B-1 20 Socket Solder cup G, N MS18281-1 B-2 20 Pin Solder cup G, N MS18281-2 B-3 20 Pin Eyelet H MS18281-3 B-4 20 Pin Solder cup H MS18281-4 B-5 22D Socket Solder cup G,N MS18281-5 B-6 22D Pin Solder cup G,N MS18281-6 FIGURE B-2. Pin, size 20 (solder cup) for connector classes G,M ,N, and D. FIGURE B-1. Socket, size 20 (solder cup) for connector classes G, M, N, and D. LOCKRING Optional (See B.4.1f) .041DIA .039 |