| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PLL2_C3 bảng dữ liệu(PDF) 271 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL2_C3 bảng dữ liệu(HTML) 271 Page - Altera Corporation |
|
271 / 274 page ![]() Chapter 12: IEEE 1149.1 (JTAG) Boundary-Scan Testing for the Cyclone III Device Family 12–7 Boundary-Scan Description Language Support December 2011 Altera Corporation Cyclone III Device Handbook Volume 1 c You must not invoke the following private instructions at any instance because these instructions can potentially damage the device, rendering the device useless: ■ 1000010000 ■ 1001000000 ■ 1011100000 Boundary-Scan Description Language Support The boundary-scan description language (BSDL), a subset of VHDL, provides a syntax that allows you to describe the features of an IEEE Std. 1149.1 BST-capable device that can be tested. To download BSDL files for IEEE Std. 1149.1-compliant Cyclone III device family, visit the Altera Download Center. 1 BSDL files for IEEE std. 1149.1-compliant Cyclone III LS devices can also be generated using version 9.0 and later of the Quartus II software. To perform BST on a configured device, a post configuration BSDL file that is customized to your design is required. Post configuration BSDL file generation with BSDL Customizer script (available on the Altera Download Center) is for Cyclone III devices only. Use version 9.0 and later of the Quartus II software to create a post configuration BSDL file for Cyclone III LS devices. f For information on the procedures to generate the generic and post configuration BSDL files with Quartus II software, visit the Altera Download Center. Document Revision History Table 12–4 lists the revision history for this document. Table 12–4. Document Revision History (Part 1 of 2) Date Version Changes December 2011 2.3 ■ Updated “IEEE Std. 1149.1 BST Architecture” on page 12–1 and “I/O Voltage Support in a JTAG Chain” on page 12–5. ■ Minor text edits. December 2009 2.2 Minor changes to the text. July 2009 2.1 Made minor correction to the part number. June 2009 2.0 ■ Updated “Introduction” on page 12–1, “IEEE Std. 1149.1 BST Architecture” on page 12–1, “IEEE Std. 1149.1 BST Operation Control” on page 12–2, “Guidelines for IEEE Std. 1149.1 BST” on page 12–6, and “Boundary-Scan Description Language Support” on page 12–7. ■ Updated Table 12–1 on page 12–2, Table 12–2 on page 12–2, and Table 12–3 on page 12–3. October 2008 1.3 Updated chapter to new template. May 2008 1.2 Minor textual changes. |