| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PLL2_C3 bảng dữ liệu(PDF) 266 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL2_C3 bảng dữ liệu(HTML) 266 Page - Altera Corporation |
|
266 / 274 page ![]() 12–2 Chapter 12: IEEE 1149.1 (JTAG) Boundary-Scan Testing for the Cyclone III Device Family IEEE Std. 1149.1 BST Operation Control Cyclone III Device Handbook December 2011 Altera Corporation Volume 1 IEEE Std. 1149.1 BST Operation Control Table 12–1 lists the boundary-scan register length for devices in Cyclone III device family. Table 12–2 lists the IDCODE information for devices in Cyclone III device family. Table 12–1. Boundary-Scan Register Length for Cyclone III Device Family Family Device Boundary-Scan Register Length Cyclone III EP3C5 603 EP3C10 603 EP3C16 1,080 EP3C25 732 EP3C40 1,632 EP3C55 1,164 EP3C80 1,314 EP3C120 1,620 Cyclone III LS EP3CLS70 1,314 EP3CLS100 1,314 EP3CLS150 1,314 EP3CLS200 1,314 Table 12–2. Device IDCODE for Cyclone III Device Family Family Device IDCODE (32 Bits) (1) Version (4 Bits) Part Number (16 Bits) Manufacturer Identity (11 Bits) LSB (1 Bit) (2) Cyclone III EP3C5 0000 0010 0000 1111 0001 000 0110 1110 1 EP3C10 0000 0010 0000 1111 0001 000 0110 1110 1 EP3C16 0000 0010 0000 1111 0010 000 0110 1110 1 EP3C25 0000 0010 0000 1111 0011 000 0110 1110 1 EP3C40 0000 0010 0000 1111 0100 000 0110 1110 1 EP3C55 0000 0010 0000 1111 0101 000 0110 1110 1 EP3C80 0000 0010 0000 1111 0110 000 0110 1110 1 EP3C120 0000 0010 0000 1111 0111 000 0110 1110 1 Cyclone III LS EP3CLS70 0000 0010 0111 0000 0001 000 0110 1110 1 EP3CLS100 0000 0010 0111 0000 0000 000 0110 1110 1 EP3CLS150 0000 0010 0111 0000 0011 000 0110 1110 1 EP3CLS200 0000 0010 0111 0000 0010 000 0110 1110 1 Notes to Table 12–2: (1) The MSB is on the left. (2) The LSB of the IDCODE is always 1. |