| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PLL2_C2 bảng dữ liệu(PDF) 149 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL2_C2 bảng dữ liệu(HTML) 149 Page - Altera Corporation |
|
149 / 274 page ![]() Chapter 8: External Memory Interfaces in the Cyclone III Device Family 8–7 Cyclone III Device Family Memory Interfaces Pin Support July 2012 Altera Corporation Cyclone III Device Handbook Volume 1 Table 8–2 lists the numbers of DQS or DQ groups supported on each side of the Cyclone III LS device only. Table 8–2. Cyclone III LS Device DQS and DQ Bus Mode Support for Each Side of the Device Device Package Side Number of ×8 Groups Number of ×9 Groups Number of ×16 Groups Number of ×18 Groups Number of ×32 Groups Number of ×36 Groups EP3CLS70 484-pin FineLine BGA/ 484-pin Ultra FineLine BGA (1) Left 2211 — — Right 2211 — — Top 2211 — — Bottom 2211 — — 780-pin FineLine BGA Left 42221 1 Right 42221 1 Top 62221 1 Bottom 62221 1 EP3CLS100 484-pin FineLine BGA/ 484-pin Ultra FineLine BGA (1) Left 2211 — — Right 2211 — — Top 2211 — — Bottom 2211 — — 780-pin FineLine BGA Left 42221 1 Right 42221 1 Top 62221 1 Bottom 62221 1 EP3CLS150 484-pin FineLine BGA (1) Left 2211 — — Right 2211 — — Top 2211 — — Bottom 2211 — — 780-pin FineLine BGA Left 42221 1 Right 42221 1 Top 62221 1 Bottom 62221 1 EP3CLS200 484-pin FineLine BGA (1) Left 2211 — — Right 2211 — — Top 2211 — — Bottom 2211 — — 780-pin FineLine BGA Left 42221 1 Right 42221 1 Top 62221 1 Bottom 62221 1 Note to Table 8–2: (1) This device package does not support x32 or 36 mode. |