| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PLL2_C2 bảng dữ liệu(PDF) 90 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL2_C2 bảng dữ liệu(HTML) 90 Page - Altera Corporation |
|
90 / 274 page ![]() 5–30 Chapter 5: Clock Networks and PLLs in the Cyclone III Device Family PLL Reconfiguration Cyclone III Device Handbook July 2012 Altera Corporation Volume 1 Figure 5–23 shows the scan chain bit order sequence for one PLL post-scale counter in Cyclone III device family PLLs. f For more information about the PLL scan chain, refer to the Implementing PLL Reconfiguration in Cyclone III Devices application note. Charge Pump and Loop Filter You can reconfigure the charge pump and loop filter settings to update the PLL bandwidth in real time. Table 5–5 through Table 5–7 list the possible settings for charge pump (ICP), loop filter resistor (R), and capacitor (C) values for Cyclone III device family PLLs. Figure 5–23. Scan Chain Bit Order DATAIN rbypass HB 7 HB 6 HB 5 HB 4 HB 3 HB 2 HB 1 HB 0 rselodd LB 7 LB 6 LB 5 LB 4 LB 3 LB 2 LB 1 LB 0 DATAOUT HB 9 HB 8 LB 9 LB 8 Table 5–5. Charge Pump Bit Control CP[2] CP[1] CP[0] Setting (Decimal) 0000 0011 0113 1117 Table 5–6. Loop Filter Resistor Value Control LFR[4] LFR[3] LFR[2] LFR[1] LFR[0] Setting (Decimal) 000 000 000 113 001 004 010 008 100 00 16 100 11 19 101 00 20 110 00 24 110 11 27 111 00 28 111 10 30 |