| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PLL2_C2 bảng dữ liệu(PDF) 110 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL2_C2 bảng dữ liệu(HTML) 110 Page - Altera Corporation |
|
110 / 274 page ![]() 6–12 Chapter 6: I/O Features in the Cyclone III Device Family I/O Standards Cyclone III Device Handbook July 2012 Altera Corporation Volume 1 Table 6–4 lists I/O standards supported by the Cyclone III device family and which I/O pins support them. Table 6–4. Cyclone III Device Family Supported I/O Standards and Constraints (Part 1 of 2) I/O Standard Type Standard Support VCCIO Level (in V) Top and Bottom I/O Pins Left and Right I/O Pins Input Output CLK, DQS PLL_OUT User I/O Pins CLK, DQS User I/O Pins 3.3-V LVTTL, 3.3-V LVCMOS (1) Single-ended JESD8-B 3.3/3.0/2.5 (2) 3.3 vv v v v 3.0-V LVTTL, 3.0-V LVCMOS (1) Single-ended JESD8-B 3.3/3.0/2.5 (2) 3.0 vv v v v 2.5-V LVTTL / LVCMOS Single-ended JESD8-5 3.3/3.0/2.5 (2) 2.5 vv v v v 1.8-V LVTTL / LVCMOS Single-ended JESD8-7 1.8/1.5 (2) 1.8 vv v v v 1.5-V LVCMOS Single-ended JESD8-11 1.8/1.5 (2) 1.5 vv v v v 1.2-V LVCMOS Single-ended JESD8-12A 1.2 1.2 vv v v v SSTL-2 Class I, SSTL-2 Class II Voltage referenced JESD8-9A 2.5 2.5 vv v v v SSTL-18 Class I, SSTL-18 Class II Voltage referenced JESD815 1.8 1.8 vv v v v HSTL-18 Class I, HSTL-18 Class II Voltage referenced JESD8-6 1.8 1.8 vv v v v HSTL-15 Class I, HSTL-15 Class II Voltage referenced JESD8-6 1.5 1.5 vv v v v HSTL-12 Class I Voltage referenced JESD8-16A 1.2 1.2 vv v v v HSTL-12 Class II (7) Voltage referenced JESD8-16A 1.2 1.2 vv v —— PCI and PCI-X Single-ended — 3.0 3.0 vv v v v Differential SSTL-2 Class I or Class II Differential (3) JESD8-9A —2.5 — v —— — 2.5 — v —— v — Differential SSTL-18 Class I or Class II Differential (3) JESD815 —1.8 — v —— — 1.8 — v —— v — Differential HSTL-18 Class I or Class II Differential (3) JESD8-6 —1.8 — v —— — 1.8 — v —— v — Differential HSTL-15 Class I or Class II Differential (3) JESD8-6 —1.5 — v —— — 1.5 — v —— v — Differential HSTL-12 Class I or Class II Differential (3) JESD8-16A —1.2 — v —— — 1.2 — v —— v — PPDS (4) Differential — — 2.5 — vv — v |