công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PLL2_C1 bảng dữ liệu(PDF) 269 Page - Altera Corporation

tên linh kiện PLL2_C1
Giải thích chi tiết về linh kiện  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALTERA [Altera Corporation]
Trang chủ  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C1 bảng dữ liệu(HTML) 269 Page - Altera Corporation

Back Button PLL2_C1 Datasheet HTML 265Page - Altera Corporation PLL2_C1 Datasheet HTML 266Page - Altera Corporation PLL2_C1 Datasheet HTML 267Page - Altera Corporation PLL2_C1 Datasheet HTML 268Page - Altera Corporation PLL2_C1 Datasheet HTML 269Page - Altera Corporation PLL2_C1 Datasheet HTML 270Page - Altera Corporation PLL2_C1 Datasheet HTML 271Page - Altera Corporation PLL2_C1 Datasheet HTML 272Page - Altera Corporation PLL2_C1 Datasheet HTML 273Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 274 page
background image
Chapter 12: IEEE 1149.1 (JTAG) Boundary-Scan Testing for the Cyclone III Device Family
12–5
I/O Voltage Support in a JTAG Chain
December 2011
Altera Corporation
Cyclone III Device Handbook
Volume 1
■
Only the three mandatory JTAG 1149.1 JTAG instructions (BYPASS,
SAMPLE/PRELOAD
, EXTEST) and the FACTORY private instruction are supported from
the JTAG pins upon power up. The FACTORY instruction (instruction code:
10 1000 0001
) must be issued before the device starts loading the core
configuration data to enable access to all other JTAG instructions. This instruction
also clears the device configuration data and AES volatile key.
■ IDCODE
instruction is not supported upon power-up, prior to issuing the FACTORY
instruction. However, it is the default instruction when the TAP controller is in the
reset state. Without loading any instructions, you can go to the Shift_DR state and
shift out the JTAG Device ID.
■ IDCODE
, CONFIG_IO, ACTIVE_DISENGAGE, HIGHZ, CLAMP, USERCODE and PULSE_NCONFIG
instructions are supported, provided that the FACTORY instruction is executed.
I/O Voltage Support in a JTAG Chain
A JTAG chain can contain several different devices. However, you must be cautious if
the chain contains devices that have different VCCIO levels. The output voltage level of
the TDO pin must meet the specifications of the TDI pin it drives. For Cyclone III device
family, the TDO pin is powered by the VCCIO power supply. Because the VCCIO supply is
3.3 V, the TDO pin drives out 3.3 V.
Devices can interface with each other although they might have different VCCIO levels.
For example, a device with a 3.3-V TDO pin can drive to a device with a 5.0-V TDI pin
because 3.3 V meets the minimum TTL-level VIH for the 5.0-V TDI pin. JTAG pins on
Cyclone III device family can support the input levels of VCCIO of bank 1A.
1 For multiple devices in a JTAG chain with 3.0-V or 3.3-V I/O standard, you must
connect a 25- series resistor on a TDO pin driving a TDI pin.
You can also interface the TDI and TDO lines of the devices that have different VCCIO
levels by inserting a level shifter between the devices. If possible, the JTAG chain must
be built in such a way that a device with a higher VCCIO level drives to a device with
an equal or lower VCCIO level. This way, a level shifter may be required only to shift
the TDO level to a level acceptable to the JTAG tester.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com