công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PLL2_C1 bảng dữ liệu(PDF) 250 Page - Altera Corporation

tên linh kiện PLL2_C1
Giải thích chi tiết về linh kiện  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALTERA [Altera Corporation]
Trang chủ  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C1 bảng dữ liệu(HTML) 250 Page - Altera Corporation

Back Button PLL2_C1 Datasheet HTML 246Page - Altera Corporation PLL2_C1 Datasheet HTML 247Page - Altera Corporation PLL2_C1 Datasheet HTML 248Page - Altera Corporation PLL2_C1 Datasheet HTML 249Page - Altera Corporation PLL2_C1 Datasheet HTML 250Page - Altera Corporation PLL2_C1 Datasheet HTML 251Page - Altera Corporation PLL2_C1 Datasheet HTML 252Page - Altera Corporation PLL2_C1 Datasheet HTML 253Page - Altera Corporation PLL2_C1 Datasheet HTML 254Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 274 page
background image
10–4
Chapter 10: Hot-Socketing and Power-On Reset in the Cyclone III Device Family
Document Revision History
Cyclone III Device Handbook
July 2012
Altera Corporation
Volume 1
The POR circuit of the Cyclone III device monitors the VCCINT, VCCIO (banks 1, 6, 7,
and 8), and VCCA pins during power-on. The enhanced POR circuit of the Cyclone III
LS device includes monitoring VCCBAT to ensure that VCCBAT is always at the minimum
requirement voltage level.
1 The VCCBAT power supply is the new design security feature power supply introduced
for Cyclone III LS devices only. Cyclone III devices do not have VCCBAT power supply.
After Cyclone III device family enters user mode, the POR circuit continues to
monitor the VCCINT or VCCA pins so that a brown-out condition during user mode is
detected. If the VCCINT or VCCA voltage sags below the POR trip point during user
mode, the POR circuit resets the device. If the VCCIO voltage sags during user mode,
the POR circuit does not reset the device.
In some applications, it is necessary for a device to wake up very quickly to begin
operation. Cyclone III device family offers the Fast-On feature to support fast
wake-up time applications. For Cyclone III device family, the MSEL[3..0] pin settings
determine the POR time (tPOR) of the device. Fast POR ranges from 3 ms to 9 ms, while
standard POR ranges from 50 ms to 200 ms.
If you cannot meet the maximum VCC ramp time requirement, use an external
component to hold nCONFIG low until the power supplies have reached their
minimum recommend operating levels. Otherwise, the device may not properly
configure and enter user mode.
f For more information about the MSEL[3..0] pin settings, refer to the Configuration,
Design Security, and Remote System Upgrades in the Cyclone III Device Family chapter.
f For more information about the VCCBAT pin connection, refer to the Cyclone III Device
Family Pin Connection Guidelines.
Document Revision History
Table 10–1 lists the revision history for this document.
Table 10–1. Document Revision History (Part 1 of 2)
Date
Version
Changes
July 2012
3.4
Updated tolerance control circuit voltage level in the “Hot-Socketing Feature
Implementation” section.
December 2011
3.3
■ Updated “POR Circuitry” on page 10–3.
■ Updated hyperlinks.
■ Minor text edits.
December 2009
3.2
Minor changes to the text.
July 2009
3.1
Made minor correction to the part number.
June 2009
3.0
■ Updated chapter part number.
■ Updated “I/O Pins Remain Tristated During Power-Up” on page 10–2.
■ Updated “Hot-Socketing Feature Implementation” on page 10–3.
■ Updated “POR Circuitry” on page 10–4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com