công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PLL2_C1 bảng dữ liệu(PDF) 224 Page - Altera Corporation

tên linh kiện PLL2_C1
Giải thích chi tiết về linh kiện  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALTERA [Altera Corporation]
Trang chủ  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C1 bảng dữ liệu(HTML) 224 Page - Altera Corporation

Back Button PLL2_C1 Datasheet HTML 220Page - Altera Corporation PLL2_C1 Datasheet HTML 221Page - Altera Corporation PLL2_C1 Datasheet HTML 222Page - Altera Corporation PLL2_C1 Datasheet HTML 223Page - Altera Corporation PLL2_C1 Datasheet HTML 224Page - Altera Corporation PLL2_C1 Datasheet HTML 225Page - Altera Corporation PLL2_C1 Datasheet HTML 226Page - Altera Corporation PLL2_C1 Datasheet HTML 227Page - Altera Corporation PLL2_C1 Datasheet HTML 228Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 274 page
background image
9–66
Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family
Configuration Features
Cyclone III Device Handbook
August 2012
Altera Corporation
Volume 1
Table 9–22 lists the dedicated configuration pins that must be connected properly on
your board for successful configuration. Some of these pins may not be required for
your configuration scheme.
Table 9–22. Dedicated Configuration Pins on Cyclone III Device Family (Part 1 of 4)
Pin Name
User
Mode
Configuration
Scheme
Pin Type
Description
MSEL [3..0]
N/A
All
Input
4-bit configuration input that sets the Cyclone III device
family configuration scheme. These pins must be hardwired
to VCCA or GND. The MSEL[3..0] pins have internal 9-k
pull-down resistors that are always active.
Some of the smaller devices or package options of
Cyclone III devices do not have the MSEL[3] pin; therefore,
the AP configuration scheme is not supported.
nCONFIG
N/A
All
Input
Configuration control input. Pulling this pin low with external
circuitry during user mode causes the Cyclone III device
family to lose its configuration data, enter a reset state, and
tri-state all I/O pins. Returning this pin to a logic-high level
starts a reconfiguration.
nSTATUS
N/A
All
Bidirectional
open-drain
The Cyclone III device family drives nSTATUS low
immediately after power-up and releases it after the POR
time.
■ Status output. If an error occurs during configuration,
nSTATUS
is pulled low by the target device.
■ Status input. If an external source (for example, another
Cyclone III device family) drives the nSTATUS pin low
during configuration or initialization, the target device
enters an error state.
Driving nSTATUS low after configuration and initialization
does not affect the configured device. If you use a
configuration device, driving nSTATUS low causes the
configuration device to attempt to configure the device, but
because the device ignores transitions on nSTATUS in user
mode, the device does not reconfigure. To start a
reconfiguration, nCONFIG must be pulled low.
CONF_DONE
N/A
All
Bidirectional
open-drain
■ Status output. The target Cyclone III device family drives
the CONF_DONE pin low before and during configuration.
After all configuration data is received without error and
the initialization cycle starts, the target device releases
CONF_DONE.
■ Status input. After all data is received and CONF_DONE
goes high, the target device initializes and enters user
mode. The CONF_DONE pin must have an external 10-k
pull-up resistor in order for the device to initialize.
Driving CONF_DONE low after configuration and initialization
does not affect the configured device. Do not connect bus
holds or ADC to the CONF_DONE pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com