công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PLL2_C1 bảng dữ liệu(PDF) 214 Page - Altera Corporation

tên linh kiện PLL2_C1
Giải thích chi tiết về linh kiện  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALTERA [Altera Corporation]
Trang chủ  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C1 bảng dữ liệu(HTML) 214 Page - Altera Corporation

Back Button PLL2_C1 Datasheet HTML 210Page - Altera Corporation PLL2_C1 Datasheet HTML 211Page - Altera Corporation PLL2_C1 Datasheet HTML 212Page - Altera Corporation PLL2_C1 Datasheet HTML 213Page - Altera Corporation PLL2_C1 Datasheet HTML 214Page - Altera Corporation PLL2_C1 Datasheet HTML 215Page - Altera Corporation PLL2_C1 Datasheet HTML 216Page - Altera Corporation PLL2_C1 Datasheet HTML 217Page - Altera Corporation PLL2_C1 Datasheet HTML 218Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 274 page
background image
9–56
Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family
Configuration Features
Cyclone III Device Handbook
August 2012
Altera Corporation
Volume 1
Configuring Cyclone III Device Family with the JRunner Software Driver
The JRunner software driver allows you to configure Cyclone III device family
through the ByteBlaster II or ByteBlasterMV cables in JTAG mode. The supported
programming input file is in .rbf format. The JRunner software driver also requires a
Chain Description File (.cdf) generated by the Quartus II software. The JRunner
software driver is targeted for embedded JTAG configuration. The source code is
developed for the Windows NT operating system (OS). You can customize the code to
make it run on your embedded platform.
1 The .rbf used by the JRunner software driver cannot be a compressed .rbf because the
JRunner software driver uses JTAG-based configuration. During JTAG-based
configuration, the real-time decompression feature is not available.
f For more information about the JRunner software driver, refer to AN 414: JRunner
Software Driver: An Embedded Solution for PLD JTAG Configuration and the source files
on the Altera website at (www.altera.com).
Combining JTAG and AS Configuration Schemes
You can combine the AS configuration scheme with the JTAG-based configuration
(Figure 9–29). This setup uses two 10-pin download cable headers on the board. One
download cable is used in JTAG mode to configure the Cyclone III device family
directly using the JTAG interface. The other download cable is used in AS mode to
program the serial configuration device in-system using the AS programming
interface. The MSEL[3..0] pins must be set to select AS configuration mode (Table 9–7
on page 9–11). If you try configuring the device using both schemes simultaneously,
the JTAG configuration takes precedence and the AS configuration terminates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com