công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PLL2_C1 bảng dữ liệu(PDF) 194 Page - Altera Corporation

tên linh kiện PLL2_C1
Giải thích chi tiết về linh kiện  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALTERA [Altera Corporation]
Trang chủ  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C1 bảng dữ liệu(HTML) 194 Page - Altera Corporation

Back Button PLL2_C1 Datasheet HTML 190Page - Altera Corporation PLL2_C1 Datasheet HTML 191Page - Altera Corporation PLL2_C1 Datasheet HTML 192Page - Altera Corporation PLL2_C1 Datasheet HTML 193Page - Altera Corporation PLL2_C1 Datasheet HTML 194Page - Altera Corporation PLL2_C1 Datasheet HTML 195Page - Altera Corporation PLL2_C1 Datasheet HTML 196Page - Altera Corporation PLL2_C1 Datasheet HTML 197Page - Altera Corporation PLL2_C1 Datasheet HTML 198Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 274 page
background image
9–36
Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family
Configuration Features
Cyclone III Device Handbook
August 2012
Altera Corporation
Volume 1
To ensure DCLK and DATA[0] are not left floating at the end of configuration, the MAX
II device must drive them either high or low, whichever is convenient on your board.
The DATA[0] pin is available as a user I/O pin after configuration. In the PS scheme,
the DATA[0] pin is tri-stated by default in user mode and must be driven by the
external host device. To change this default option in the Quartus II software, select
the Dual-Purpose Pins tab of the Device and Pin Options dialog box.
The configuration clock (DCLK) speed must be below the specified system frequency to
ensure correct configuration (Figure 9–19 on page 9–42). No maximum DCLK period
exists, which means you can pause configuration by halting DCLK for an indefinite
amount of time.
If a configuration error occurs during configuration and the Auto-restart
configuration after error
option is turned on, the Cyclone III device family releases
nSTATUS
after a reset time-out period (a maximum of 230 s). After nSTATUS is released
and pulled high by a pull-up resistor, the external host device tries to reconfigure the
target device without needing to pulse nCONFIG low. If this option is turned off, the
external host device must generate a low-to-high transition (with a low pulse of at
least 500 ns) on nCONFIG to restart the configuration process.
The external host device can also monitor the CONF_DONE and INIT_DONE pins to ensure
successful configuration. The CONF_DONE pin must be monitored by the external device
to detect errors and to determine when the programming is complete. If all
configuration data is sent, but CONF_DONE or INIT_DONE has not gone high, the external
device must reconfigure the target device.
Figure 9–15 shows how to configure multiple devices using an external host device.
This circuit is similar to the PS configuration circuit for a single device, except that the
Cyclone III device family is cascaded for multi-device configuration.
Figure 9–15. Multi-Device PS Configuration Using an External Host
Notes to Figure 9–15:
(1) The pull-up resistor must be connected to a supply that provides an acceptable input signal for all devices in the
chain. VCC must be high enough to meet the VIH specification of the I/O on the device and the external host.
(2) Connect the pull-up resistor to the VCCIO supply voltage of the I/O bank in which the nCE pin resides.
(3) The nCEO pin is left unconnected or used as a user I/O pin when it does not feed the nCE pin of another device.
(4) The MSEL pin settings vary for different configuration voltage standards and POR time. To connect MSEL[3..0],
refer to Table 9–7 on page 9–11. Connect the MSEL pins directly to VCCA or ground.
(5) All I/O inputs must maintain a maximum AC voltage of 4.1 V. DATA[0] and DCLK must fit the maximum overshoot
equation outlined in “Configuration and JTAG Pin I/O Requirements” on page 9–7.
External Host
(MAX II Device or
Microprocessor)
Memory
ADDR
Cyclone III Device Family 1
nSTATUS
CONF_DONE
10 k
nCE
nCEO
DATA[0]
GND
VCCIO (1) VCCIO (1)
10 k
MSEL[3..0]
DATA[0] (5)
nCONFIG
DCLK (5)
nSTATUS
CONF_DONE
nCE
nCEO
MSEL[3..0]
N.C. (3)
DATA[0] (5)
nCONFIG
DCLK (5)
VCCIO (2)
10 k
Cyclone III Device Family 2
(4)
(4)
Buffers (5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com