công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PLL2_C1 bảng dữ liệu(PDF) 165 Page - Altera Corporation

tên linh kiện PLL2_C1
Giải thích chi tiết về linh kiện  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALTERA [Altera Corporation]
Trang chủ  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C1 bảng dữ liệu(HTML) 165 Page - Altera Corporation

Back Button PLL2_C1 Datasheet HTML 161Page - Altera Corporation PLL2_C1 Datasheet HTML 162Page - Altera Corporation PLL2_C1 Datasheet HTML 163Page - Altera Corporation PLL2_C1 Datasheet HTML 164Page - Altera Corporation PLL2_C1 Datasheet HTML 165Page - Altera Corporation PLL2_C1 Datasheet HTML 166Page - Altera Corporation PLL2_C1 Datasheet HTML 167Page - Altera Corporation PLL2_C1 Datasheet HTML 168Page - Altera Corporation PLL2_C1 Datasheet HTML 169Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 274 page
background image
Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family
9–7
Configuration Features
August 2012
Altera Corporation
Cyclone III Device Handbook
Volume 1
Configuration File Size
Table 9–3 lists the uncompressed configuration file sizes for the Cyclone III device
family. To calculate the amount of storage space required for multiple device
configurations, add the file size of each device together.
.
Use the data in Table 9–3 only to estimate the file size before design compilation.
Different configuration file formats, such as Hexadecimal (.hex) or Tabular Text
File (.ttf) formats, have different file sizes. However, for any specific version of the
Quartus II software, any design targeted for the same device has the same
uncompressed configuration file size. If you are using compression, the file size varies
after each compilation because the compression ratio is design dependent.
f For more information about setting device configuration options or creating
configuration files, refer to the Software Settings section in volume 2 of the
Configuration Handbook.
Configuration and JTAG Pin I/O Requirements
Cyclone III devices are manufactured using the TSMC 65-nm low-k dielectric process;
Cyclone III LS devices are manufactured using the TSMC 60-nm low-k dielectric
process. Although Cyclone III device family uses TSMC 2.5-V transistor technology in
the I/O buffers, the devices are compatible and able to interface with 2.5-, 3.0-, 3.3-V
configuration voltage standards. However, you must follow specific requirements
when interfacing Cyclone III device family with 2.5-, 3.0-, 3.3-V configuration voltage
standards.
All I/O inputs must maintain a maximum AC voltage of 4.1 V. When using a JTAG
configuration scheme or a serial configuration device in an AS configuration scheme,
you must connect a 25- series resistor at the near end of the TDO and TDI pin or the
serial configuration device for the DATA[0]pin. When cascading Cyclone III device
family in a multi-device configuration, you must connect the repeater buffers between
the master and slave devices for DATA and DCLK.
Table 9–3. Cyclone III Device Family Uncompressed Raw Binary File (.rbf) Sizes
Device
Data Size (bits)
Cyclone III
EP3C5
3,000,000
EP3C10
3,000,000
EP3C16
4,100,000
EP3C25
5,800,000
EP3C40
9,600,000
EP3C55
14,900,000
EP3C80
20,000,000
EP3C120
28,600,000
Cyclone III LS
EP3CLS70
26,766,760
EP3CLS100
26,766,760
EP3CLS150
50,610,728
EP3CLS200
50,610,728



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com