| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PLL2_C1 bảng dữ liệu(PDF) 123 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL2_C1 bảng dữ liệu(HTML) 123 Page - Altera Corporation |
|
123 / 274 page ![]() CIII51008-4.0 © 2011 Altera Corporation. All rights reserved. ALTERA, ARRIA, CYCLONE, HARDCOPY, MAX, MEGACORE, NIOS, QUARTUS and STRATIX words and logos are trademarks of Altera Corporation and registered in the U.S. Patent and Trademark Office and in other countries. All other words and logos identified as trademarks or service marks are the property of their respective holders as described at www.altera.com/common/legal.html. Altera warrants performance of its semiconductor products to current specifications in accordance with Altera's standard warranty, but reserves the right to make changes to any products and services at any time without notice. Altera assumes no responsibility or liability arising out of the application or use of any information, product, or service described herein except as expressly agreed to in writing by Altera. Altera customers are advised to obtain the latest version of device specifications before relying on any published information and before placing orders for products or services. Cyclone III Device Handbook Volume 1 December 2011 Subscribe ISO 9001:2008 Registered 7. High-Speed Differential Interfaces in the Cyclone III Device Family This chapter describes the high-speed differential I/O features and resources in the Cyclone III device family. High-speed differential I/O standards have become popular in high-speed interfaces because of their significant advantages over single-ended I/O standards. The Altera® Cyclone® III device family (Cyclone III and Cyclone III LS devices) supports LVDS, BLVDS, reduced swing differential signaling (RSDS), mini-LVDS, and point-to-point differential signaling (PPDS). This chapter contains the following sections: ■ “High-Speed I/O Interface” on page 7–1 ■ “High-Speed I/O Standards Support” on page 7–7 ■ “True Output Buffer Feature” on page 7–15 ■ “High-Speed I/O Timing” on page 7–16 ■ “Design Guidelines” on page 7–17 ■ “Software Overview” on page 7–18 High-Speed I/O Interface Cyclone III device family I/Os are separated into eight I/O banks, as shown in Figure 7–1. Each bank has an independent power supply. True output drivers for LVDS, RSDS, mini-LVDS, and PPDS are on the left and right I/O banks. These I/O standards are also supported on the top and bottom I/O banks using external resistors. On the left and right I/O banks, some of the differential pin pairs (p and n pins) of the true output drivers are not located on adjacent pins. In these cases, a power pin is located between the p and n pins. These I/O standards are also supported on all I/O banks using two single-ended output with the second output programmed as inverted, and an external resistor network. True input buffers for these I/O standards are supported on all I/O banks. f For more information about the location of Cyclone III device family true differential pins, refer to the Pin-Out Files for Altera Devices webpage on the Altera website. December 2011 CIII51008-4.0 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |