công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PLL2_C0 bảng dữ liệu(PDF) 228 Page - Altera Corporation

tên linh kiện PLL2_C0
Giải thích chi tiết về linh kiện  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALTERA [Altera Corporation]
Trang chủ  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C0 bảng dữ liệu(HTML) 228 Page - Altera Corporation

Back Button PLL2_C0 Datasheet HTML 224Page - Altera Corporation PLL2_C0 Datasheet HTML 225Page - Altera Corporation PLL2_C0 Datasheet HTML 226Page - Altera Corporation PLL2_C0 Datasheet HTML 227Page - Altera Corporation PLL2_C0 Datasheet HTML 228Page - Altera Corporation PLL2_C0 Datasheet HTML 229Page - Altera Corporation PLL2_C0 Datasheet HTML 230Page - Altera Corporation PLL2_C0 Datasheet HTML 231Page - Altera Corporation PLL2_C0 Datasheet HTML 232Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 274 page
background image
9–70
Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family
Design Security
Cyclone III Device Handbook
August 2012
Altera Corporation
Volume 1
Table 9–23 lists the optional configuration pins. If these optional configuration pins
are not enabled in the Quartus II software, they are available as general-purpose user
I/O pins. Therefore, during configuration, these pins function as user I/O pins and
are tri-stated with weak pull-up resistors.
Design Security
The design security feature is for Cyclone III LS devices only. The design security
feature is not supported in Cyclone III devices.
Cyclone III LS Design Security Protection
Cyclone III LS device designs are protected from copying, reverse engineering, and
tampering using configuration bitstream encryption and anti-tamper features.
Table 9–23. Optional Configuration Pins
Pin Name
User Mode
Pin Type
Description
CLKUSR
N/A if option is on.
I/O if option is off.
Input
Optional user-supplied clock input synchronizes the initialization
of one or more devices. This pin is enabled by turning on the
Enable user-supplied start-up clock (CLKUSR) option in the
Quartus II software.
INIT_DONE
N/A if option is on.
I/O if option is off.
Output
open-drain
Status pin used to indicate when the device has initialized and is
in user-mode. When nCONFIG is low and during the beginning
of configuration, the INIT_DONE pin is tri-stated and pulled high
due to an external 10-k
 pull-up resistor. After the option bit to
enable INIT_DONE is programmed into the device (during the
first frame of configuration data), the INIT_DONE pin goes low.
When initialization is complete, the INIT_DONE pin is released
and pulled high and the device enters user mode. Thus, the
monitoring circuitry must be able to detect a low-to-high
transition. This pin is enabled by turning on the Enable
INIT_DONE output option in the Quartus II software.
The functionality of this pin changes if the Enable OCT_DONE
option is enabled in the Quartus II software. This option
controls whether the INIT_DONE signal is gated by the
OCT_DONE
signal, which indicates the Power-Up OCT calibration
is complete. If this option is turned off, the INIT_DONE signal is
not gated by the OCT_DONE signal
DEV_OE
N/A if option is on.
I/O if option is off.
Input
Optional pin that allows you to override all tri-states on the
device. When this pin is driven low, all I/O pins are tri-stated;
when this pin is driven high, all I/O pins behave as programmed.
This pin is enabled by turning on the Enable device-wide
output enable (DEV_OE) option in the Quartus II software.
DEV_CLRn
N/A if option is on.
I/O if option is off.
Input
Optional pin that allows you to override all clears on all device
registers. When this pin is driven low, all registers are cleared;
when this pin is driven high, all registers behave as
programmed. This pin is enabled by turning on the Enable
device-wide reset (DEV_CLRn) option in the Quartus II
software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com