| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PLL2_C0 bảng dữ liệu(PDF) 66 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL2_C0 bảng dữ liệu(HTML) 66 Page - Altera Corporation |
|
66 / 274 page ![]() 5–6 Chapter 5: Clock Networks and PLLs in the Cyclone III Device Family Clock Networks Cyclone III Device Handbook July 2012 Altera Corporation Volume 1 GCLK Network Clock Source Generation Figure 5–2 shows Cyclone III device family PLLs, clock inputs, and clock control block location for different device densities. Figure 5–2. PLL, CLK[], DPCLK[], and Clock Control Block Locations in the Cyclone III Device Family (1) Notes to Figure 5–2: (1) There are five clock control blocks on each side. (2) Only one of the corner CDPCLK pins in each corner can feed the clock control block at a time. You can use the other CDPCLK pins as general-purpose I/O pins. (3) Remote clock pins can feed PLLs over dedicated clock paths. However, these paths are not fully compensated. PLL 1 PLL 4 PLL 2 PLL 3 20 20 20 20 4 4 4 4 4 4 4 4 2 2 2 2 22 22 5 5 5 5 (2) (2) (2) (2) CDPCLK7 CDPCLK0 CDPCLK1 DPCLK1 DPCLK[11.10] DPCLK[9..8] CLK[11..8] CDPCLK6 DPCLK0 CLK[3..0] Clock Control Block (1) GCLK[19..0] GCLK[19..0] CDPCLK5 DPCLK7 CLK[7..4] DPCLK6 CDPCLK4 CDPCLK2 DPCLK[3..2] CLK[15..12] DPCLK[5..4] CDPCLK3 Clock Control Block (1) (3) (3) (3) (3) 4 4 4 4 |