công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PLL2_C0 bảng dữ liệu(PDF) 212 Page - Altera Corporation

tên linh kiện PLL2_C0
Giải thích chi tiết về linh kiện  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALTERA [Altera Corporation]
Trang chủ  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C0 bảng dữ liệu(HTML) 212 Page - Altera Corporation

Back Button PLL2_C0 Datasheet HTML 208Page - Altera Corporation PLL2_C0 Datasheet HTML 209Page - Altera Corporation PLL2_C0 Datasheet HTML 210Page - Altera Corporation PLL2_C0 Datasheet HTML 211Page - Altera Corporation PLL2_C0 Datasheet HTML 212Page - Altera Corporation PLL2_C0 Datasheet HTML 213Page - Altera Corporation PLL2_C0 Datasheet HTML 214Page - Altera Corporation PLL2_C0 Datasheet HTML 215Page - Altera Corporation PLL2_C0 Datasheet HTML 216Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 274 page
background image
9–54
Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family
Configuration Features
Cyclone III Device Handbook
August 2012
Altera Corporation
Volume 1
1 All I/O inputs must maintain a maximum AC voltage of 4.1 V. If a non-Cyclone III
device family is cascaded in the JTAG-chain, TDO of the non-Cyclone III device family
driving into TDI of the Cyclone III device family must fit the maximum overshoot
equation outlined in “Configuration and JTAG Pin I/O Requirements” on page 9–7.
The nCE pin must be connected to GND or driven low during JTAG configuration. In
multi-device AS, AP, PS, and FPP configuration chains, the nCE pin of the first device
is connected to GND while its nCEO pin is connected to the nCE pin of the next device
in the chain. The inputs of the nCE pin of the last device come from the previous device
while its nCEO pin is left floating. In addition, the CONF_DONE and nSTATUS signals are
shared in multi-device AS, AP, PS, and FPP configuration chains to ensure that the
devices enter user mode at the same time after configuration is complete. When the
CONF_DONE
and nSTATUS signals are shared among all the devices, every device must
be configured when you perform JTAG configuration.
If you only use JTAG configuration, Altera recommends that you connect the circuitry
as shown in Figure 9–26 or Figure 9–27, in which each of the CONF_DONE and nSTATUS
signals are isolated so that each device can enter user mode individually.
Figure 9–27. JTAG Configuration of Multiple Devices Using a Download Cable (1.2, 1.5, and 1.8-V VCCIO Powering the
JTAG Pins)
Notes to Figure 9–27:
(1) Connect these pull-up resistors to the VCCIO supply of the bank in which the pin resides.
(2) Connect the nCONFIG and MSEL[3..0] pins to support a non-JTAG configuration scheme. If you only use a JTAG configuration, connect the
nCONFIG
pin to logic high and the MSEL[3..0] pins to ground. In addition, pull DCLK and DATA[0] either high or low, whichever is convenient
on your board.
(3) In the USB-Blaster and ByteBlaster II cable, this pin is connected to nCE when it is used for AS programming, otherwise it is a no connect.
(4) The nCE pin must be connected to ground or driven low for successful JTAG configuration.
(5) Power up the VCC of the ByteBlaster II or USB-Blaster cable with supply from VCCIO. The ByteBlaster II and USB-Blaster cables do not support a
target supply voltage of 1.2 V. For the target supply voltage value, refer to the ByteBlaster II Download Cable User Guide and the USB-Blaster
Download Cable User Guide.
(6) The resistor value can vary from 1 k
 to 10 k. Perform signal integrity analysis to select the resistor value for your setup.
TMS
TCK
Download Cable
10-Pin Male Header
TDI
TDO
VCCIO (1)
VCCIO (1)
VCCIO (5)
Pin 1
nST
ATUS
nCONFIG
nCE (4)
VCCIO
CONF_DONE
VCCIO
(2)
(2)
VIO
(3)
(6)
(6)
(1)
(1)
(2)
DATA[0]
DCLK
(2)
MSEL[3..0]
nCEO
(2)
TMS
TCK
TDI
TDO
nST
ATUS
nCONFIG
nCE (4)
VCCIO
CONF_DONE
VCCIO
(2)
(2)
(1)
(2)
DATA[0]
DCLK
(2)
MSEL[3..0]
nCEO
(2)
(1)
TMS
TCK
TDI
TDO
nST
ATUS
nCONFIG
nCE (4)
VCCIO
CONF_DONE
VCCIO
(2)
(2)
(2)
DATA[0]
DCLK
(2)
MSEL[3..0]
nCEO
(2)
(1)
(1)
10 k
Ω
10 k
Ω
10 k
Ω
1 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω
Cyclone III
Device Family
Cyclone III
Device Family
Cyclone III
Device Family



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com