| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HDSP-4603 bảng dữ liệu(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
|
|||||||||||||||||||||||||||||
HDSP-4603 bảng dữ liệu(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
2 / 10 page ![]() 2 Notes: 1. For codes not listed in the figure above, please refer to the respective datasheet or contact your nearest Avago representative for details. 2. Bin options refer to shippable bins for a part number. Color and Intensity Bins are typically restricted to 1 bin per tube (exceptions may apply). Please refer to respective datasheet for specific bin limit information. Mechanical Option [1] 00: No Mechanical Option Color Bin Options [1, 2] 0: No Color Bin Limitation 4: Color Bin 4 Only (applicable for Green devices only) B: Color Bins 2 and 3 (applicable for Yellow devices only) Maximum Intensity Bin [1, 2] 0: No Maximum Intensity Bin Limitation Minimum Intensity Bin [1, 2] 0: No Minimum Intensity Bin Limitation Device Configuration/Color [1] 0: Common Anode 1: Common Anode 3: Common Cathode Device Specific Configuration [1] Refer to Respective Datasheet Package [1] E: 10.9 mm (0.43 inch) Single Digit Seven Segment Display 5082 – X XX X – X X X X HDSP – X XX X – X X X X Part Number |