| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
B66455K bảng dữ liệu(PDF) 9 Page - EPCOS |
|
|
|||||||||||||||||||||||||||||
B66455K bảng dữ liệu(HTML) 9 Page - EPCOS |
|
9 / 11 page ![]() 9 06/13 Symbol Meaning Unit L/L L0 LH Lp Lrev Ls le lN N PCu Ptrans PV PF Q R RCu Rh R h Ri Rp Rs Rth RV s T T TC t tv tan tan L tan r tan e tan h tan / i U Û Ve Z Zn Relative inductance change Inductance of coil without core Main inductance Parallel inductance Reversible inductance Series inductance Effective magnetic path length Average length of turn Number of turns Copper (winding) losses Transferrable power Relative core losses Performance factor Quality factor (Q = L/R s = 1/tanL) Resistance Copper (winding) resistance (f = 0) Hysteresis loss resistance of a core Rh change Internal resistance Parallel loss resistance of a core Series loss resistance of a core Thermal resistance Effective loss resistance of a core Total air gap Temperature Temperature difference Curie temperature Time Pulse duty factor Loss factor Loss factor of coil (Residual) loss factor at H 0 Relative loss factor Hysteresis loss factor Relative loss factor of material at H 0 RMS value of voltage Peak value of voltage Effective magnetic volume Complex impedance Normalized impedance |Z|n = |Z| /N2 (le/Ae) H H H H H H mm mm W W mW/g K/W mm °C K °C s V V mm3 /mm Symbols and terms Ferrites and accessories |