| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P2020RDB-PCA bảng dữ liệu(PDF) 5 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
P2020RDB-PCA bảng dữ liệu(HTML) 5 Page - Freescale Semiconductor, Inc |
|
5 / 8 page ![]() freescale.com/QorIQ 6 Multiservice Routers A multiservice router or business gateway requires a combination of high performance and a rich set of peripherals to support the datapath throughputs and required system functionality. The P2 series of single- and dual-core devices offer a scalable platform to develop a range of products that can support the same feature set. Integrated 10/100/1000 Ethernet controllers with classification and QoS capabilities are ideal for managing the datapath traffic between the local area network(LAN)andwideareanetwork(WAN) interface. PCI Express ports can provide connectivity to IEEE® 802.11n radio cards for wireless support and TDM for legacy phone interfaces to support voice. USB or eSDHC interfaces can be used to support local storage; the second USB interface is also available to support USB-attached printers or as a console port. The integrated security engine can provide encrypted secure communications for remote users with VPNsupport. Multiservice Routers • Multiple mailboxes • Port read/write to configure switch • Messaging (inbound/ outbound) local and remote Gigabit Ethernet (SGMII) Management Ports Gigabit Ethernet Control and Data DRAM Flash DMZ Server LAN Switch QorIQ™ P2020 Low latency WAN Interface WAN Interface PCI Express® x1/x4 (up to 5 GHz) |