| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCPL-270L bảng dữ liệu(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
|
|||||||||||||||||||||||||||||
HCPL-270L bảng dữ liệu(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
2 / 12 page ![]() 2 Ordering Information HCPL-270L, HCPL-273L, HCPL-070L and HCPL-073L are UL Recognized with 3750 Vrms for 1 minute per UL1577 and are approved under CSA Component Acceptance Notice #5, File CA 88324. Option Part RoHS nonRoHS Surface Gull Tape UL5000Vrms/ IEC/EN/DIN Number Compliant Compliant Package Mount Wing &Reel 1Minuterating EN60747-5-2 Quantity -000E no option 300 mil DIP-8 50 per tube HCPL-270L -300E -300 X X 50 per tube HCPL-273L -500E -500 X X X 1000 per reel -060E -060 X 100 per tube -560E -560 X X X X 1500 per reel -000E no option SO-8 X 100 per tube HCPL-070L -500E -500 X X 1500 per reel HCPL-073L -060E -060 X X 100 per tube -560E -560 X X X 1500 per reel To order, choose a part number from the part number column and combine with the desired option from the option column to form an order entry. Example 1: HCPL-273L-500E to order product of 300 mil DIP Gull Wing Surface Mount package in Tape and Reel packaging with IEC/EN/DIN EN 60747-5-2 Safety Approval and RoHS compliant. Example 2: HCPL-273L to order product of 300 mil DIP package in Tube packaging and non RoHS compliant. Option datasheets are available. Contact your Avago sales representative or authorized distributor for information. Remarks: The notation ‘#XXX’ is used for existing products, while (new) products launched since July 15, 2001 and RoHS compliant will use ‘–XXXE.’ |