công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DEMO9S08MP16 bảng dữ liệu(PDF) 27 Page - Freescale Semiconductor, Inc

tên linh kiện DEMO9S08MP16
Giải thích chi tiết về linh kiện  DEMO9S08MP16 User Manual
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DEMO9S08MP16 bảng dữ liệu(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button DEMO9S08MP16 Datasheet HTML 23Page - Freescale Semiconductor, Inc DEMO9S08MP16 Datasheet HTML 24Page - Freescale Semiconductor, Inc DEMO9S08MP16 Datasheet HTML 25Page - Freescale Semiconductor, Inc DEMO9S08MP16 Datasheet HTML 26Page - Freescale Semiconductor, Inc DEMO9S08MP16 Datasheet HTML 27Page - Freescale Semiconductor, Inc DEMO9S08MP16 Datasheet HTML 28Page - Freescale Semiconductor, Inc DEMO9S08MP16 Datasheet HTML 29Page - Freescale Semiconductor, Inc DEMO9S08MP16 Datasheet HTML 30Page - Freescale Semiconductor, Inc DEMO9S08MP16 Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
DEMO9S08MP16 User Manual
23
INPUT_EN (J9)
7.5.2
J12 - Light Touch Switch Enable Jumper KEY_ENABLE
Enables the corresponding switch. Each jumper may be individually
installed or removed. By default, all jumpers are installed to enable all
the switches.
Figure 7-5: Jumper Settings for Light Touch Switches KEY_ENABLE (J12)
7.5.3
J11 - I/O Signal Slide Switch Voltage Level Setting
The DEMO9S08MP16 has connected an I/O signal (PTE0) to a slide switch
(K2). Jumper J11 is used to select a voltage level of 5V or GND for the switch.
when slide switch K2 is turned on, PTE) will be connected to the voltage level
set by jumper J11. When the slide switch K2 is turned off, PTE0 is not
connected and is floating.
Figure 7-6: I/O Signal Slide Switch Voltage Level Setting (J11)
7.5.4
J23 - Reset Switch Enable and Reset LED Display Enable Jumper
RESET_EN
Enables the Reset Switch and the Reset LED Display. Each jumper
may be individually installed or removed. This is the default setting.
Figure 7-7: Reset Switch and Reset LED enable Jumper (J23)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37