công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ACMD-6207 bảng dữ liệu(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

tên linh kiện ACMD-6207
Giải thích chi tiết về linh kiện  LTE Band 7 Duplexer with Balanced Rx Port
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Trang chủ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACMD-6207 bảng dữ liệu(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACMD-6207 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACMD-6207 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACMD-6207 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACMD-6207 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACMD-6207 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACMD-6207 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACMD-6207 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACMD-6207 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACMD-6207 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
ACMD-6125 Electrical Specifications [2], Z0=50 Ω, TC[1] as indicated.
Symbol Parameter
Units
– 20
°C
+25
°C
+85
°C
Min
Max
Min
Typ [3]
Max
Min
Max
Antenna Port to Receive Port
ZRx
Impedance of Balanced Rx Port, Real Part
Ohms
100
S23
Insertion Loss in Receive Band 2620 – 2690 MHz
dB
3.0
1.8
3.0
3.0
DS23
Amplitude Imbalance in Receive Band 2620 – 2690 MHz dB
±1.8
±0.6
±1.8
±1.8
DS23Ø
Phase Imbalance in Receive Band 2620 – 2690 MHz
deg
±8
±5.1
±8
±8
S23
Attenuation in Transmit Band 2500 – 2570 MHz
dB
45
45
63
45
S23
Attenuation, 50 – 2380 MHz
dB
40
40
63
40
S23
Attenuation, 2380 – 2450 MHz (Wi-Fi Low)
dB
40
40
55
40
S23
Attenuation, 2450 – 2484 MHz (Wi-Fi High)
dB
35
35
62
35
S23
Attenuation, 2775 – 8500 MHz
dB
18
18
48
18
S22
Return Loss (SWR) of Rx Port in Rx Band
(100 W), 2620 – 2690 MHz
dB
9
(2.1)
9
20
(1.2)
(2.1)
9
(2.1)
S33
Return Loss (SWR) of Ant Port in Rx Band
2620 – 2690 MHz
dB
9
(2.1)
9
19
(1.3)
(2.1)
9
(2.1)
Transmit Port to Antenna Port
S31
Insertion Loss in Transmit Band
2500 – 2510 MHz
2510 – 2570 MHz
dB
3.0
2.4
2.1
1.4
3.0
2.4
3.0
2.4
S31
Attenuation in Receive Band 2620 – 2690 MHz
dB
45
45
60
45
S31
Attenuation, 50 – 1565 MHz
dB
45
45
61
45
S31
Attenuation 1565 – 1574 MHz (GPS Low Band)
dB
45
45
48
45
S31
Attenuation, 1574 – 1577 MHz (GPS L1 Band)
dB
45
45
48
45
S31
Attenuation, 1577 – 1585 MHz (Wideband GPS High)
dB
45
45
48
45
S31
Attenuation, 1597 – 1607 MHz (GLONASS)
dB
45
45
47
45
S31
Attenuation, 1607 – 1680 MHz
dB
40
40
47
40
S31
Attenuation, 1805 – 1880 MHz (Band 3 Rx)
dB
40
40
47
40
S31
Attenuation, 2110 – 2170 MHz (Band 1 Rx)
dB
40
40
56
40
S31
Attenuation, 2402.5 – 2461.5 MHz (Wi-Fi Bands 1 – 9)
dB
40
40
48
40
S31
Attenuation, 2447.5 – 2481.5 MHz (Wi-Fi Bands 10 – 13) dB
35
35
46
35
S31
Attenuation in Tx 2nd Harmonic Band 5000 – 5140 MHz dB
35
35
47
35
S31
Attenuation, 5150 – 5850 MHz
dB
20
20
42
20
S31
Attenuation, 7500 – 7710 MHz
dB
25
25
27
25
S11
Return Loss (SWR) of Tx Port in Tx Band 2500 – 2570
MHz
dB
10
(1.9)
10
20
(1.2)
(1.9)
10
(1.9)
S33
Return Loss (SWR) of Ant Port in Tx Band 2500 – 2570
MHz
dB
10
(1.9)
10
20
(1.2)
(1.9)
10
(1.9)
Isolation Transmit Port to Receive Port
S21
Tx-Rx Isolation in Receive Band 2620 – 2690 MHz
dB
50
50
60
50
S21
Tx-Rx Differential Isolation in Transmit Band, 2500 –
2570 MHz
dB
55
55
61
55
S21
Tx-Rx Common Mode Isolation in Transmit Band, 2500
– 2570 MHz
dB
55
55
60
55
Notes:
1. TC is the case temperature and is defined as the temperature of the underside of the Duplexer where it makes contact with the circuit board.
2. Min/Max specifications are guaranteed at the indicated temperature with the input power to the Tx port equal to or less than +27 dBm over all Tx
frequencies unless otherwise noted.
3. Typical data is the average value of the parameter over the indicated band at the specified temperature. Typical values may vary over time.
4. Integrated Insertion Loss over any 1.25 MHz channel within the band.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com