| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSPIC33FJ32GP202TH/PT bảng dữ liệu(PDF) 16 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ32GP202TH/PT bảng dữ liệu(HTML) 16 Page - Microchip Technology |
|
16 / 403 page ![]() dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04 DS70292D-page 16 Preliminary 2009 Microchip Technology Inc. FIGURE 1-1: dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/ X04 BLOCK DIAGRAM 16 OSC1/CLKI OSC2/CLKO VDD, VSS Timing Generation MCLR Power-up Timer Oscillator Start-up Timer Power-on Reset Watchdog Timer Brown-out Reset Precision Reference Band Gap FRC/LPRC Oscillators Regulator Voltage VCAP/VDDCORE IC1, 2, 7, 8 I2C1 PORTA Note: Not all pins or features are implemented on all device pinout configurations. See pinout diagrams for the specific pins and features pres- ent on each device. Instruction Decode and Control PCH PCL 16 Program Counter 16-bit ALU 23 23 24 23 Instruction Reg PCU 16 x 16 W Register Array ROM Latch 16 EA MUX 16 16 8 Interrupt Controller PSV and Table Data Access Control Block Stack Control Logic Loop Control Logic Data Latch Address Latch Address Latch Program Memory Data Latch 16 16 16 16 Data Latch Address Latch 16 X RAM Y RAM 16 Y Data Bus X Data Bus DSP Engine Divide Support 16 Control Signals to Various Blocks ADC1 Timers PORTB Address Generator Units 1-5 CNx UART1, 2 OC/ PWM1-4 DCI Remappable Pins DMA RAM DMA Controller PORTC SPI1, 2 ECAN1 DAC1 Comparator 2 Ch. RTCC PMP/ EPSP |