công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L7808C bảng dữ liệu(PDF) 36 Page - STMicroelectronics

tên linh kiện L7808C
Giải thích chi tiết về linh kiện  Positive voltage regulator ICs
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7808C bảng dữ liệu(HTML) 36 Page - STMicroelectronics

Back Button L7808C Datasheet HTML 32Page - STMicroelectronics L7808C Datasheet HTML 33Page - STMicroelectronics L7808C Datasheet HTML 34Page - STMicroelectronics L7808C Datasheet HTML 35Page - STMicroelectronics L7808C Datasheet HTML 36Page - STMicroelectronics L7808C Datasheet HTML 37Page - STMicroelectronics L7808C Datasheet HTML 38Page - STMicroelectronics L7808C Datasheet HTML 39Page - STMicroelectronics L7808C Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 57 page
background image
Application information
L78xx, L78xxC, L78xxAB, L78xxAC
36/57
DocID2143 Rev 31
Note:
Application with high capacitance loads and an output voltage greater than 6 volts need an
external diode (see Figure 23 on page 34) to protect the device against input short circuit. In
this case the input voltage falls rapidly while the output voltage decrease slowly. The
capacitance discharges by means of the base-emitter junction of the series pass transistor
in the regulator. If the energy is sufficiently high, the transistor may be destroyed. The
external diode by-passes the current from the IC to ground.
Figure 28. Protection against input short-circuit with high capacitance loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57