công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L6206Q bảng dữ liệu(PDF) 10 Page - STMicroelectronics

tên linh kiện L6206Q
Giải thích chi tiết về linh kiện  DMOS dual full bridge driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6206Q bảng dữ liệu(HTML) 10 Page - STMicroelectronics

Back Button L6206Q Datasheet HTML 6Page - STMicroelectronics L6206Q Datasheet HTML 7Page - STMicroelectronics L6206Q Datasheet HTML 8Page - STMicroelectronics L6206Q Datasheet HTML 9Page - STMicroelectronics L6206Q Datasheet HTML 10Page - STMicroelectronics L6206Q Datasheet HTML 11Page - STMicroelectronics L6206Q Datasheet HTML 12Page - STMicroelectronics L6206Q Datasheet HTML 13Page - STMicroelectronics L6206Q Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Circuit description
L6206Q
10/27
DocID022028 Rev 3
shown in Figure 7. If the driver is a standard push-pull structure the resistor REN and the
capacitor CEN are connected as shown in Figure 8. The resistor REN should be chosen in
the range from 2.2 k
 to 180 k. Recommended values for REN and CEN are respectively
100 k
 and 5.6 nF. More information on selecting the values can be found in Section 4.3:
Non-dissipative overcurrent detection and protection.
Figure 6. Logic inputs internal structure
Figure 7. ENA and ENB pins open collector driving
Figure 8. ENA and ENB pins push-pull driving



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27