công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L78L15ABUTR bảng dữ liệu(PDF) 5 Page - STMicroelectronics

tên linh kiện L78L15ABUTR
Giải thích chi tiết về linh kiện  Positive voltage regulators
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78L15ABUTR bảng dữ liệu(HTML) 5 Page - STMicroelectronics

  L78L15ABUTR Datasheet HTML 1Page - STMicroelectronics L78L15ABUTR Datasheet HTML 2Page - STMicroelectronics L78L15ABUTR Datasheet HTML 3Page - STMicroelectronics L78L15ABUTR Datasheet HTML 4Page - STMicroelectronics L78L15ABUTR Datasheet HTML 5Page - STMicroelectronics L78L15ABUTR Datasheet HTML 6Page - STMicroelectronics L78L15ABUTR Datasheet HTML 7Page - STMicroelectronics L78L15ABUTR Datasheet HTML 8Page - STMicroelectronics L78L15ABUTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
L78LxxAB, L78LxxAC, L78LxxC
Maximum ratings
Doc ID 2145 Rev 21
5/33
3
Maximum ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VI
DC Input voltage
VO= 3.3 to 9 V
30
V
VO= 12 to 15 V
35
VO= 18 to 24 V
40
IO
Output current
100
mA
PD
Power dissipation
Internally limited (1)
1.
Our SO-8 package used for voltage regulators is modified internally to have pins 2, 3, 6 and 7 electrically communed to the
die attach flag. This particular frame decreases the total thermal resistance of the package and increases its ability to
dissipate power when an appropriate area of copper on the printed circuit board is available for heat-sinking. The external
dimensions are the same as for the standard SO-8.
mW
TSTG
Storage temperature range
-65 to 150
°C
TOP
Operating junction temperature range
for L78L00AC
0 to 125
°C
for L78L00AB
-40 to 125
Table 3.
Thermal data
Symbol
Parameter
SO-8
TO-92
SOT-89
Unit
RthJC
Thermal resistance junction-case. (max)
20
15
°C/W
RthJA
Thermal resistance junction-ambient. (max)
55 (1)
200
55 (1)
°C/W
1.
Considering 6 cm² of copper Board heat-sink.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com