| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L78L15ABD bảng dữ liệu(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L78L15ABD bảng dữ liệu(HTML) 12 Page - STMicroelectronics |
|
12 / 33 page ![]() Electrical characteristics L78LxxAB, L78LxxAC, L78LxxC 12/33 Doc ID 2145 Rev 21 TJ = 0 to 125 °C for L78L08AC, TJ = -40 to 125 °C for L78L08AB. Table 15. Electrical characteristics of L78L06AB and L78L06AC (VI = 12 V) Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage TJ = 25 °C 5.76 6 6.24 V VO Output voltage IO = 1 to 40 mA, VI = 8.5 to 20 V 5.7 6.3 V IO = 1 to 70 mA, VI = 12 V 5.7 6.3 ΔVO Line regulation VI = 8.5 to 20 V, TJ = 25 °C 150 mV VI = 9 to 20 V, TJ = 25 °C 100 ΔVO Load regulation IO = 1 to 100 mA, TJ = 25 °C 60 mV IO = 1 to 40 mA, TJ = 25 °C 30 Id Quiescent current TJ = 25 °C 6 mA TJ = 125 °C 5.5 mA ΔId Quiescent current change IO = 1 to 40 mA 0.1 mA VI = 9 to 20 V 1.5 eN Output noise voltage B =10 Hz to 100 kHz, TJ = 25 °C 50 µV SVR Supply voltage rejection VI = 9 to 20 V, f = 120 Hz IO = 40 mA, TJ = 25 °C 39 46 dB Vd Dropout voltage 1.7 V Table 16. Electrical characteristics of L78L08AB and L78L08AC (VI = 14 V) Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage TJ = 25 °C 7.68 8 8.32 V VO Output voltage IO = 1 to 40 mA, VI = 10.5 to 23 V 7.6 8.4 V IO = 1 to 70 mA, VI = 14 V 7.6 8.4 ΔVO Line regulation VI = 10.5 to 23 V, TJ = 25 °C 175 mV VI = 11 to 23 V, TJ = 25 °C 125 ΔVO Load regulation IO = 1 to 100 mA, TJ = 25 °C 80 mV IO = 1 to 40 mA, TJ = 25 °C 40 Id Quiescent current TJ = 25 °C 6 mA TJ = 125 °C 5.5 mA ΔId Quiescent current change IO = 1 to 40 mA 0.1 mA VI = 11 to 23 V 1.5 eN Output noise voltage B =10 Hz to 100 kHz, TJ = 25 °C 60 µV SVR Supply voltage rejection VI = 12 to 23 V, f = 120 Hz IO = 40 mA, TJ = 25 °C 37 45 dB Vd Dropout voltage 1.7 V |